Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5511ACPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADL5511ACPZ-R7
Description  DC to 6 GHz Envelope and TruPwr RMS Detector
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5511ACPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADL5511ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Data Sheet
ADL5511
Rev. B | Page 9 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, VPOS = 5 V, CFLT4 = 100 nF, 75 Ω shunt termination resistor to ground on (ac-coupled) RFIN, TA = +25°C (black), −40°C (blue),
+85°C (red), three-point calibration on VENV and VRMS at +5 dBm, −15 dBm, and −26 dBm, unless otherwise noted.
0.001
0.01
0.1
1
10
–30
–25
–20
–15
–10
–5
0
5
10
15
20
INPUT (dBm)
100MHz
900MHz
1900MHz
2140MHz
2600MHz
3500MHz
6000MHz
Figure 4. VENV Output vs. Input Level, at Various Frequencies at 25°C,
Supply 5 V
0.001
0.01
0.1
1
10
–30
–25
–20
–15
–10
–5
0
5
10
15
20
INPUT (dBm)
5V, –40°C
5V, +25°C
5V, +85°C
Figure 5. VENV Output vs. Input Level and Temperature at 1900 MHz,
Supply 5 V
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
–30
–25
–20
–15
–10
–5
0
5
10
15
20
INPUT (dBm)
–40°C
+25°C
+85°C
Figure 6. Supply Current vs. Input Level and Temperature
0.01
0.1
1
10
–30
–25
–20
–15
–10
–5
0
5
10
15
20
INPUT (dBm)
100MHz
900MHz
1900MHz
2140MHz
2600MHz
3500MHz
6000MHz
Figure 7. VRMS Output vs. Input Level, at Various Frequencies at 25°C,
Supply 5 V
–30
–25
–20
–15
–10
–5
0
5
10
15
20
0.01
0.1
1
10
INPUT (dBm)
5V, –40°C
5V, +25°C
5V, +85°C
Figure 8. VRMS Output vs. Input Level and Temperature at 1900 MHz,
Supply 5 V
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
0
50
100
150
200
250
300
350
400
450
0123
456
FREQUENCY (GHz)
SHUNT CAPACITANCE
SHUNT RESISTANCE
Figure 9. Input Impedance vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com