Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5511ACPZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADL5511ACPZ-R7
Description  DC to 6 GHz Envelope and TruPwr RMS Detector
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5511ACPZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADL5511ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
Data Sheet
ADL5511
Rev. B | Page 3 of 28
SPECIFICATIONS
TA = 25°C, VPOS = 5 V, CFLT4 = 100 nF, 75 Ω shunt termination resistor to ground on (ac-coupled) RFIN, three-point calibration on VENV
and VRMS at +5 dBm, −15 dBm, and −26 dBm, unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
FREQUENCY RANGE
Input RFIN
DC
6
GHz
ENVELOPE CONVERSION (100 MHz)
Input RFIN to output (VENV − VEREF)
Input Range (±1 dB Error)
CW input
46
dB
Maximum Input Level
±1 dB error
17
dBm
Minimum Input Level
±1 dB error
−29
dBm
Conversion Gain
VENV = (Gain × VIN) + Intercept
1.42
V/V rms
Intercept
−5
mV
Output Voltage
High Power In
PIN = +10 dBm, +707 mV rms
1.00
V
Low Power In
PIN = −20 dBm, +22.4 mV rms
26
mV
RMS Conversion
Input RFIN to output (VRMS)
Input Range (±1 dB Error)
CW input
46
dB
Maximum Input Level
±1 dB error
17
dBm
Minimum Input Level
±1 dB error
−29
dBm
Conversion Gain
VRMS = (Gain × VIN) + Intercept
1.92
V/V rms
Intercept
11
mV
Output Voltage
High Power In
PIN = +10 dBm, +707 mV rms
1.38
V
Low Power In
PIN = −20 dBm, +22.4 mV rms
53
mV
ENVELOPE CONVERSION (900 MHz)
Input RFIN to output (VENV − VEREF)
Input Range (±1 dB Error)
CW input
46
dB
Maximum Input Level
±1 dB error
17
dBm
Minimum Input Level
±1 dB error
−29
dBm
Conversion Gain
VENV = (Gain × VIN) + Intercept
1.46
V/V rms
Intercept
−5
mV
Output Voltage
High Power In
PIN = +10 dBm, +707 mV rms
1.02
V
Low Power In
PIN = −20 dBm, +22.4 mV rms
26
mV
RMS Conversion
Input RFIN to output (VRMS)
Input Range (±1 dB Error)
CW input
46
dB
Maximum Input Level
±1 dB error
17
dBm
Minimum Input Level
±1 dB error
−29
dBm
Conversion Gain
VRMS = (Gain × VIN) + Intercept
1.9
V/V rms
Intercept
13
mV
Output Voltage
High Power In
PIN = +10 dBm, +707 mV rms
1.35
V
Low Power In
PIN = −20 dBm, +22.4 mV rms
54
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com