Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5511ACPZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADL5511ACPZ-R7
Description  DC to 6 GHz Envelope and TruPwr RMS Detector
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5511ACPZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADL5511ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5511ACPZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
Data Sheet
ADL5511
Rev. B | Page 15 of 28
CH1 200mV
M10ns
A CH2
1.88V
2
1
T
111.6ns
Ω
CH3 125mV
REF4
125mV 10ns
Ω
PULSED RFIN
+5dBm
+1dBm
–3dBm
–10dBm
Figure 40. VENV Output Response to Various RF Input Pulse Levels
900 MHz Frequency
REF4
125mV 1µs
CH2 200mV
M1µs
A CH4
2.2V
R4
2
T
–824ns
Ω
+5dBm
PULSED RFIN
+1dBm
–3dBm
–10dBm
Figure 41. VRMS Output Response to Various RF Input Pulse Levels
900 MHz Frequency, CFLT4 = Open
REF4
125mV 100µs
CH2 200mV
M100µs
A CH4
2.2V
R4
2
T
–100.5µs
Ω
+5dBm
+1dBm
–3dBm
–10dBm
PULSED RFIN
Figure 42. VRMS Output Response to Various RF Input Pulse Levels,
900 MHz Frequency, CFLT4 = 100 nF
REF1
250mV 1µs
CH4 7V
M1µs
A CH4
3.78V
R1
4
T
3.996µs
+5dBm
VENBL
+1dBm
–3dBm
–10dBm
Figure 43. VENV Output Response to Enable Gating at Various RF Input Levels,
900 MHz Frequency
REF1
220mV 1µs
CH4 7V
M1µs
A CH4
3.78V
R1
4
T
4.012µs
+5dBm
+1dBm
–3dBm
–10dBm
VENBL
Figure 44. VRMS Output Response to Enable Gating at Various RF Input Levels,
900 MHz Frequency, CFLT4 = Open
REF4
220mV 40µs
CH4 7V
M40µs
A CH4
3.78V
R4
4
T
160.4µs
+5dBm
+1dBm
–3dBm
–10dBm
VENBL
Figure 45. VRMS Output Response to Enable Gating at Various RF Input Levels,
900 MHz Frequency, CFLT4 = 100 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com