Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2994M Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2994M
Description  DDR Termination Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2994M Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LP2994M Datasheet HTML 5Page - National Semiconductor (TI) LP2994M Datasheet HTML 6Page - National Semiconductor (TI) LP2994M Datasheet HTML 7Page - National Semiconductor (TI) LP2994M Datasheet HTML 8Page - National Semiconductor (TI) LP2994M Datasheet HTML 9Page - National Semiconductor (TI) LP2994M Datasheet HTML 10Page - National Semiconductor (TI) LP2994M Datasheet HTML 11Page - National Semiconductor (TI) LP2994M Datasheet HTML 12Page - National Semiconductor (TI) LP2994M Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Component Selection (Continued)
dielectric types have poor capacitance characteristics as a
function of voltage and temperature. Because of the typically
low value of capacitance it is recommended to use ceramic
capacitors in parallel with another capacitor such as an
aluminum electrolytic. A dielectric of X5R or better is recom-
mended for all ceramic capacitors.
Hybrid - Several hybrid capacitors such as OS-CON and SP
are available from several manufacturers. These offer a
large capacitance while maintaining a low ESR. These are
the best solution when size and performance are critical,
although their cost is typically higher than other capacitors.
Thermal Dissipation
Since the LP2994 is a linear regulator any current flow from
V
TT will result in internal power dissipation generating heat.
To prevent damaging the part from exceeding the maximum
allowable junction temperature, care should be taken to
derate the part dependent on the maximum expected ambi-
ent temperature and power dissipation. The maximum allow-
able internal temperature rise (T
Rmax) can be calculated
given the maximum ambient temperature (T
Amax)ofthe
application and the maximum allowable junction temperature
(T
Jmax).
T
Rmax =TJmax −TAmax
From this equation, the maximum power dissipation (P
D)of
the part can be calculated:
P
Dmax =TRmax / θJA
The
θ
JA of the LP2994 will be dependent on several vari-
ables: the package used; the thickness of copper; the num-
ber of vias and the airflow. For instance, the
θ
JA of the SO-8
is 163˚C/W with the package mounted to a standard 8x4
2-layer board with 1oz. copper, no airflow, and 0.5W dissi-
pation at room temperature. This value can be reduced to
151.2˚C/W by changing to a 3x4 board with 2 oz. copper that
is the JEDEC standard.
Figure 3 shows how the
θ
JA varies
with airflow for the two boards mentioned.
Additional improvements can be made by the judicious use
of vias to connect the part and dissipate heat to an internal
ground plane. Using larger traces and more copper on the
top side of the board can also help. With careful layout, it is
possible to reduce the
θ
JA further than the nominal values
shown in
Figure 3.
Optimizing the
θ
JA and placing the LP2994 in a section of a
board exposed to lower ambient temperature allows the part
to operate with higher power dissipation. The internal power
dissipation can be calculated by summing the three main
sources of loss: output current at V
TT, either sinking or
sourcing, and quiescent current at AVIN and V
DDQ. During
the active state (when Shutdown is not held low) the total
internal power dissipation can be calculated from the follow-
ing equations:
P
D =PAVIN +PVDDQ +PVTT
where,
P
AVIN =IAVIN xVAVIN
P
VDDQ =VVDDQ xIVDDQ =VVDDQ
2 xR
VDDQ
To calculate the maximum power dissipation at V
TT, both
sinking and sourcing current conditions at V
TT need to be
examined. Although only one equation will add into the total,
V
TT cannot source and sink current simultaneously.
P
VTT =VVTT xILOAD (Sinking)
or
P
VTT =(VPVIN -VVTT)xILOAD (Sourcing)
The power dissipation of the LP2994 can also be calculated
during the shutdown state. During this condition the output
V
TT will tri-state, therefore that term in the power equation
will disappear as it cannot sink or source any current (leak-
age is negligible). The only losses during shutdown will be
the reduced quiescent current at AVIN and the constant
impedance that is seen at the V
DDQ pin.
P
D =PAVIN +PVDDQ
Where,
P
AVIN =IAVIN xVAVIN
P
VDDQ =VVDDQ xIVDDQ =VVDDQ
2 xR
VDDQ
20045928
FIGURE 3.
θ
JA vs Airflow
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com