Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2994M Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2994M
Description  DDR Termination Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2994M Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP2994M Datasheet HTML 1Page - National Semiconductor (TI) LP2994M Datasheet HTML 2Page - National Semiconductor (TI) LP2994M Datasheet HTML 3Page - National Semiconductor (TI) LP2994M Datasheet HTML 4Page - National Semiconductor (TI) LP2994M Datasheet HTML 5Page - National Semiconductor (TI) LP2994M Datasheet HTML 6Page - National Semiconductor (TI) LP2994M Datasheet HTML 7Page - National Semiconductor (TI) LP2994M Datasheet HTML 8Page - National Semiconductor (TI) LP2994M Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LP2994
DDR Termination Regulator
General Description
The LP2994 regulator is designed to provide a linear solution
to meet the JEDEC SSTL-2 and SSTL-3 specifications (Se-
ries Stub Termination Logic) for active termination of DDR-
SDRAM. The device utilizes an internal operational amplifier
to provide linear regulation of V
TT without the need for
expensive external components. The output stage prevents
shoot through while delivering 1.5A continuous current and
maintaining excellent load regulation. The LP2994 also in-
corporates an active low shutdown pin to tri-state the output
during Suspend To Ram (STR) states.
Patents Pending
Features
n
Source and sink current
n
Low external component count
n
Independent analog and power rails
n
Linear topology
n
Small package SO-8
n
Low cost and easy to use
n
Shutdown pin
Applications
n
SSTL-2
n
SSTL-3
n
DDR-SDRAM Termination
n
DDR-II Termination
Typical Application Circuit
20045904
FIGURE 1. SSTL-2 V
TT Termination
May 2002
© 2002 National Semiconductor Corporation
DS200459
www.national.com


Similar Part No. - LP2994M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2994 TI1-LP2994 Datasheet
545Kb / 19P
DDR Termination Regulator
LP2994 TI1-LP2994_14 Datasheet
545Kb / 19P
DDR Termination Regulator
More results

Similar Description - LP2994M

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UR5595 UTC-UR5595 Datasheet
312Kb / 12P
DDR TERMINATION REGULATOR
UR5595 UTC-UR5595_09 Datasheet
295Kb / 12P
DDR TERMINATION REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ2995 HTC-TJ2995 Datasheet
632Kb / 9P
DDR Termination Regulator
TJ2997 HTC-TJ2997 Datasheet
410Kb / 13P
DDR Termination Regulator
logo
E-Tech Electronics LTD
UR5596 ETL-UR5596 Datasheet
218Kb / 12P
DDR TERMINATION REGULATOR
logo
Richtek Technology Corp...
RT9089A RICHTEK-RT9089A Datasheet
195Kb / 10P
DDR Termination Regulator
logo
Global Mixed-mode Techn...
G2997 GMT-G2997_15 Datasheet
148Kb / 2P
DDR Termination Regulator
G2995 GMT-G2995_15 Datasheet
185Kb / 2P
DDR Termination Regulator
logo
Texas Instruments
LP2998 TI1-LP2998 Datasheet
2Mb / 33P
DDR Termination Regulator
logo
Richtek Technology Corp...
RTQ2536-QA RICHTEK-RTQ2536-QA Datasheet
211Kb / 11P
DDR Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com