Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2994M Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2994M
Description  DDR Termination Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2994M Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LP2994M Datasheet HTML 7Page - National Semiconductor (TI) LP2994M Datasheet HTML 8Page - National Semiconductor (TI) LP2994M Datasheet HTML 9Page - National Semiconductor (TI) LP2994M Datasheet HTML 10Page - National Semiconductor (TI) LP2994M Datasheet HTML 11Page - National Semiconductor (TI) LP2994M Datasheet HTML 12Page - National Semiconductor (TI) LP2994M Datasheet HTML 13Page - National Semiconductor (TI) LP2994M Datasheet HTML 14Page - National Semiconductor (TI) LP2994M Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Typical Application Circuits
(Continued)
with the DDR-SDRAM DIMMs mounted on modules. As a
result bulk aluminum electrolytic capacitors in the range of
1000uF are typically used.
PCB Layout Considerations
1.
The input capacitor for the power rail should be placed
as close as possible to the PVIN pin.
2.
V
SENSE should be connected to the VTT termination bus
at the point where regulation is required. For mother-
board applications an ideal location would be at the
center of the termination bus.
3.
V
DDQ can be connected remotely to the VDDQ rail input
at either the DIMM or the Chipset. This provides the
most accurate point for creating the reference voltage.
4.
For improved thermal performance excessive top side
copper should be used to dissipate heat from the pack-
age. Numerous vias from the ground connection to the
internal ground plane will help. Additionally these can be
located underneath the package if manufacturing stan-
dards permit.
5.
Care should be taken when routing the V
SENSE trace to
avoid noise pickup from switching I/O signals. A 0.1uF
ceramic capacitor located close to the V
SENSE can also
be used to filter any unwanted high frequency signal.
This can be an issue especially if long V
SENSE traces are
used.
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com