Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2994M Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2994M
Description  DDR Termination Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2994M Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LP2994M Datasheet HTML 7Page - National Semiconductor (TI) LP2994M Datasheet HTML 8Page - National Semiconductor (TI) LP2994M Datasheet HTML 9Page - National Semiconductor (TI) LP2994M Datasheet HTML 10Page - National Semiconductor (TI) LP2994M Datasheet HTML 11Page - National Semiconductor (TI) LP2994M Datasheet HTML 12Page - National Semiconductor (TI) LP2994M Datasheet HTML 13Page - National Semiconductor (TI) LP2994M Datasheet HTML 14Page - National Semiconductor (TI) LP2994M Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Typical Application Circuits (Continued)
Output Capacitor Selection
For applications utilizing the LP2994 to terminate SSTL-2 I/O
signals the typical application circuit shown in
Figure 12 can
be implemented.
This circuit permits termination in a minimum amount of
board space and component count. Capacitor selection can
be varied depending on the number of lines terminated and
the maximum load transient. However, with motherboards
and other applications where V
TT is distributed across a long
plane it is advisable to use multiple bulk capacitors and
addition to high frequency decoupling.
Figure 13 shown
below depicts an example circuit where 2 bulk output capaci-
tors could be situated at both ends of the V
TT plane for
optimal placement. Large aluminum electrolytic capacitors
are used for their low ESR and low cost.
In most PC applications an extensive amount of decoupling
is required because of the long interconnects encountered
20045911
FIGURE 11. Creating a Reference Voltage for Memory and Chipsets
20045912
FIGURE 12. Typical SSTL-2 Application Circuit
20045913
FIGURE 13. Typical SSTL-2 Application Circuit for Motherboards
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com