Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2054CS5 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2054CS5
Description  Low Power Zero-Drift Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2054CS5 Datasheet(HTML) 1 Page - Linear Technology

  LTC2054CS5 Datasheet HTML 1Page - Linear Technology LTC2054CS5 Datasheet HTML 2Page - Linear Technology LTC2054CS5 Datasheet HTML 3Page - Linear Technology LTC2054CS5 Datasheet HTML 4Page - Linear Technology LTC2054CS5 Datasheet HTML 5Page - Linear Technology LTC2054CS5 Datasheet HTML 6Page - Linear Technology LTC2054CS5 Datasheet HTML 7Page - Linear Technology LTC2054CS5 Datasheet HTML 8Page - Linear Technology LTC2054CS5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC2054/LTC2054HV
2054f
TEMPERATURE (
°C)
–45
250
225
200
175
150
125
100
75
50
25
0
–5
2054 TA02
35
15
–25
55
75
VS = ±5V
VS = ±2.5V
VS = ±1.5V
APPLICATIO S
DESCRIPTIO
FEATURES
TYPICAL APPLICATION
Low Power Zero-Drift
Operational Amplifiers
in SOT-23
s
Thermocouple Amplifiers
s
Electronic Scales
s
Medical Instrumentation
s
Strain Gauge Amplifiers
s
High Resolution Data Acquisition
s
DC Accurate RC Active Filters
s
Low Side Current Sense
s
Battery-Powered Systems
s
Supply Current 175
µA (Max), Guaranteed
Over Temperature
s
Offset Voltage 3
µV (Max)
s
Offset Voltage Drift 30nV/
°C (Max)
s
Noise: 1.6
µVP-P (0.01Hz to 10Hz Typ)
s
Voltage Gain: 140dB (Typ)
s
PSRR: 130dB (Typ)
s
CMRR: 130dB (Typ)
s
Input Bias Current <1pA (Typ)
s
Supply Operation: 2.7V to 6V (LTC2054)
2.7V to
±5.5V (LTC2054HV)
s
Common Mode Input Range from V– to V+ –0.5V
s
Output Swings Rail-to-Rail
s
Low Profile (1mm) SOT-23 (ThinSOT™) Package
The LTC
®2054 and LTC2054HV are low power, low noise
zero-drift operational amplifiers available in the
5-lead SOT-23 package. The LTC2054 operates from a
single 2.7V to 6V supply. The LTC2054HV operates on
supplies from 2.7V to
±5.5V. The current consumption is
150
µA (typical), 175µA maximum over temperature.
The LTC2054, despite its miniature size, features uncom-
promising DC performance. The typical input offset volt-
age and offset drift are 0.5
µV and 25nV/°C. The almost
zero DC offset and drift are supported with a power supply
rejection ratio (PSRR) and common mode rejection ratio
(CMRR) of more than 130dB.
The input common mode voltage ranges from the negative
supply up to typically 0.5V from the positive supply. The
open-loop gain is typically 140dB. The LTC2054 also
features a 1.6
µVP-P DC to 10Hz noise and a 500kHz gain
bandwidth product.
Supply Current vs
Temperature
Differential Bridge Amplifier
, LTC and LT are registered trademarks of Linear Technology Corporation.
–
+
5V
0.1
µF
499k
0.1
µF
499k
5
1
2
3
4
1
µF
5V
AV = 100
2054 TA01
10k
Ω
BRIDGE
LTC2054HV
–5V
LT1790-2.5
ThinSOT is a trademark of Linear Technology Corporation.


Similar Part No. - LTC2054CS5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2054CS5 LINER-LTC2054CS5 Datasheet
190Kb / 12P
Single/Dual Micropower Zero-Drift Operational Amplifiers
More results

Similar Description - LTC2054CS5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2051 LINER-LTC2051_1 Datasheet
144Kb / 12P
Dual/Quad Zero-Drift Operational Amplifiers
logo
Asahi Kasei Microsystem...
AK2929T AKM-AK2929T Datasheet
264Kb / 8P
Zero Drift operational amplifiers
AK2922H AKM-AK2922H Datasheet
193Kb / 5P
Zero Drift operational amplifiers
AK2921T AKM-AK2921T Datasheet
563Kb / 15P
Zero Drift operational amplifiers
AK2920T AKM-AK2920T Datasheet
345Kb / 15P
Zero Drift operational amplifiers
AK2910T AKM-AK2910T Datasheet
385Kb / 15P
Zero Drift operational amplifiers
AK2973H AKM-AK2973H Datasheet
1Mb / 18P
Zero Drift operational amplifiers
logo
Texas Instruments
TLV333 TI1-TLV333 Datasheet
918Kb / 34P
CMOS Operational Amplifiers Zero-Drift
OPA4188 TI1-OPA4188 Datasheet
1Mb / 35P
Zero-Drift Operational Amplifiers
logo
Asahi Kasei Microsystem...
AK2973 AKM-AK2973 Datasheet
1Mb / 18P
Zero Drift operational amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com