Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2054CS5 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2054CS5
Description  Low Power Zero-Drift Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2054CS5 Datasheet(HTML) 5 Page - Linear Technology

  LTC2054CS5 Datasheet HTML 1Page - Linear Technology LTC2054CS5 Datasheet HTML 2Page - Linear Technology LTC2054CS5 Datasheet HTML 3Page - Linear Technology LTC2054CS5 Datasheet HTML 4Page - Linear Technology LTC2054CS5 Datasheet HTML 5Page - Linear Technology LTC2054CS5 Datasheet HTML 6Page - Linear Technology LTC2054CS5 Datasheet HTML 7Page - Linear Technology LTC2054CS5 Datasheet HTML 8Page - Linear Technology LTC2054CS5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LTC2054/LTC2054HV
2054f
OUTPUT CURRENT (mA)
0
110
2054 G04
VS = 5V
VS = 10V
VS = 3V
12
10
8
6
4
2
0
RL TO V
–
OUTPUT CURRENT (mA)
0
110
2054 G20
5
4
3
2
1
0
–1
–2
–3
–4
–5
RL TO GND
VS = ±5V
VS = ±5V
VS = ±2.5V
VS = ±2.5V
VS = ±1.5V
VS = ±1.5V
Bias Current vs Temperature
Single Supply Output Swing vs
Output Current
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Common Mode Rejection Ratio
vs Frequency
DC CMRR vs Common Mode Input
Voltage
Output Voltage Swing vs Load
Resistance
FREQUENCY (Hz)
20
40
80
120
140
1
100
1k
100k
2054 G01
0
10
10k
60
100
VS = 3V OR 5V
VCM = 0.5VP-P
VCM (V)
20
40
80
120
140
13
4
0
2054 G02
0
25
60
100
VS = 3V
VS = 5V
TA = 25°C
LOAD RESISTANCE (k
Ω)
0
2
4
2054 G03
6
8
10
5
4
3
2
1
0
–1
–2
–3
–4
–5
RL TO GND
VS = ±5V
VS = ±2.5V
VS = ±2.5V
VS = ±1.5V
VS = ±1.5V
VS = ±5V
TEMPERATURE (
°C)
–25
–5
0.1
100
10
1
75
2054 G06
–45
55
35
15
±1.5V
±2.5V
±5V
FREQUENCY (Hz)
10
140
120
100
80
60
40
20
0
–20
–40
100
1k
10k
100k
LTC2054 • G14
1M
+PSRR
VS = ±2.5V
VIN = 0.5VRMS
–PSRR
PSRR vs Frequency
INPUT COMMON MODE VOLTAGE (V)
8
10
2054 G13
6
579
2
0
4
3
1
4
0
–4
–8
–12
–16
–20
–24
IN–, VS = 10V
IN+, VS = 10V
IN–, VS = 5V
IN+, VS = 5V
IN+, VS = 3V
IN–, VS = 3V
Input Bias Current vs Input
Common Mode Voltage
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
20
40
60
120
100
2054 G05
–20
–40
80
–160
–140
–120
–60
–80
–200
0
–180
–220
–100
VS = ±2.5V
VIN = 0.5VP-P
RL = 10kΩ
CL = 30pF
CL = 50pF
CL = 100pF
GAIN
PHASE
Gain/Phase vs Frequency
Dual Supply Output Swing vs
Output Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com