Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2054CS5 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2054CS5
Description  Low Power Zero-Drift Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2054CS5 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2054CS5 Datasheet HTML 2Page - Linear Technology LTC2054CS5 Datasheet HTML 3Page - Linear Technology LTC2054CS5 Datasheet HTML 4Page - Linear Technology LTC2054CS5 Datasheet HTML 5Page - Linear Technology LTC2054CS5 Datasheet HTML 6Page - Linear Technology LTC2054CS5 Datasheet HTML 7Page - Linear Technology LTC2054CS5 Datasheet HTML 8Page - Linear Technology LTC2054CS5 Datasheet HTML 9Page - Linear Technology LTC2054CS5 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LTC2054/LTC2054HV
2054f
TOTAL SUPPLY VOLTAGE, V + TO V – (V)
345
–6
–4
–2
0
2
10
8
6
6
8
79
2054 G10
10
11
4
ISINK
VOUT = V
+
ISOURCE
VOUT = V
–
Short-Circuit Output Current
vs Supply Voltage
Supply Current vs Supply Voltage
Supply Current vs Temperature
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
TEMPERATURE (
°C)
–45
250
225
200
175
150
125
100
75
50
25
0
–5
2054 G12
35
15
–25
55
75
VS = ±5V
VS = ±2.5V
VS = ±1.5V
Common Mode Input Range
vs Supply Voltage
SUPPLY VOLTAGE (V)
0
4
6
11
10
9
8
2054 G09
2
0
246
1357
11
10
9
8
3
5
1
7
Input Overload Recovery
Transient Response
TOTAL SUPPLY VOLTAGE (V)
345
6
8
79
10
200
170
190
180
160
150
140
130
120
110
100
2054 G11
TA = 25°C
Input Overload Recovery
Noise Spectrum
FREQUENCY (Hz)
40
50
70
90
100
10
10k
1k
2054 G15
0
100
80
60
20
30
10 AV = 100
VS = ±2.5V
10
µs/DIV
AV = 1
RL = 100k
CL = 50pF
VS = ±2.5V
VIN = 10kHz 2VP-P
2054 G07
–1
0
1
2ms/DIV
AV = –100
RL = 100k
VS = ±2.5V
VIN = 50Hz 200mVP-P
OFFSET = –100mV
2054 G08
0
–0.2
0
2.5
2ms/DIV
AV = –100
RL = 100k
VS = ±2.5V
VIN = 50Hz 200mVP-P
OFFSET = 100mV
2054 G18
0
–2.5
0
0.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com