Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2054CS5 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2054CS5
Description  Low Power Zero-Drift Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2054CS5 Datasheet(HTML) 3 Page - Linear Technology

  LTC2054CS5 Datasheet HTML 1Page - Linear Technology LTC2054CS5 Datasheet HTML 2Page - Linear Technology LTC2054CS5 Datasheet HTML 3Page - Linear Technology LTC2054CS5 Datasheet HTML 4Page - Linear Technology LTC2054CS5 Datasheet HTML 5Page - Linear Technology LTC2054CS5 Datasheet HTML 6Page - Linear Technology LTC2054CS5 Datasheet HTML 7Page - Linear Technology LTC2054CS5 Datasheet HTML 8Page - Linear Technology LTC2054CS5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LTC2054/LTC2054HV
2054f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IS
Supply Current
No Load
q
150
175
µA
VOS
Input Offset Voltage
(Note 2)
±3
µV
∆VOS/∆T
Average Input Offset Drift
(Note 2)
q
±0.03
µV/°C
Long-Term Offset Drift
50
nV/
√mo
IB
Input Bias Current
(Note 3)
±800
fA
q
±150
pA
IOS
Input Offset Current
(Note 3)
±1.6
pA
q
±300
pA
en
Input Noise Voltage
RS = 100Ω, 0.01Hz to 10Hz
1.6
µVP-P
CMRR
Common Mode Rejection Ratio
VCM = GND to (V+ – 0.7V)
120
130
dB
q
115
dB
PSRR
Power Supply Rejection Ratio
VS = 2.7V to 6V
120
130
dB
q
115
dB
AVOL
Large-Signal Voltage Gain
RL = 100k, VOUT = VS/2
125
140
dB
q
120
dB
VOUT
Output Voltage Swing High
RL = 5k to GND
q
4.75
V
RL = 100k to GND
q
4.98
V
VOUT
Output Voltage Swing Low
RL = 5k to GND
q
10
mV
RL = 100k to GND
q
10
mV
SR
Slew Rate
0.5
V/
µs
GBW
Gain Bandwidth Product
500
kHz
fS
Internal Sampling Frequency
1.0
kHz
(LTC2054, LTC2054HV) VS = 5V unless otherwise noted. (Note 4)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
AVOL
Large-Signal Voltage Gain
RL = 100k, VOUT = VS/2
120
135
dB
q
115
dB
VOUT
Output Voltage Swing High
RL = 5k to GND
q
2.85
V
RL = 100k to GND
q
2.98
V
VOUT
Output Voltage Swing Low
RL = 5k to GND
q
10
mV
RL = 100k to GND
q
10
mV
SR
Slew Rate
0.5
V/
µs
GBW
Gain Bandwidth Product
500
kHz
fS
Internal Sampling Frequency
1.0
kHz
(LTC2054, LTC2054HV) The q denotes specifications which apply over the
full operating temperature range, otherwise specifications are at TA = 25°C. VS = 3V unless otherwise noted. (Note 4)
ELECTRICAL C
C
HARA TERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com