Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIS2120SX Datasheet(PDF) 13 Page - STMicroelectronics

Part # AIS2120SX
Description  Embedded self-test
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS2120SX Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AIS2120SX Datasheet HTML 9Page - STMicroelectronics AIS2120SX Datasheet HTML 10Page - STMicroelectronics AIS2120SX Datasheet HTML 11Page - STMicroelectronics AIS2120SX Datasheet HTML 12Page - STMicroelectronics AIS2120SX Datasheet HTML 13Page - STMicroelectronics AIS2120SX Datasheet HTML 14Page - STMicroelectronics AIS2120SX Datasheet HTML 15Page - STMicroelectronics AIS2120SX Datasheet HTML 16Page - STMicroelectronics AIS2120SX Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 58 page
background image
DocID028312 Rev 3
13/58
AIS1120SX / AIS2120SX
Block diagrams and pin description
58
1.1.8
Signal delays
Figure 9. Signal delay of reading-chain blocks with 400 Hz filter
Figure 10. Signal delay of reading-chain blocks with 800 Hz filter
Figure 11. Signal delay of reading-chain blocks with 1600 Hz filter
1.1.9
Offset cancellation
The offset cancellation is performed in the last step of the digital signal processing and
includes two modes:
1. Slow offset cancellation
2. Fast offset cancellation
The digital low-pass filter with selectable bandwidth (fast, slow cancellation) is controlled by
a state machine. Fast offset cancellation is used after power-on. Slow offset cancellation, for
continuously running offset cancellation, operates in normal mode.
Offset cancellation uses a moving average filter with a fixed update limit. Fast offset
cancellation occurs after power up while EOI = 0. Slow offset cancellation occurs after EOI
is set to 1.
The Offset Cancellation Error Flag is set when the offset is outside the offset correction
range (±1020 LSB) during slow offset cancellation. A hardware error is indicated based on
this flag being set for the affected axis. The flow chart for the offset cancellation block is
shown in the following figure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com