Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIS2120SX Datasheet(PDF) 21 Page - STMicroelectronics

Part # AIS2120SX
Description  Embedded self-test
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS2120SX Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AIS2120SX Datasheet HTML 17Page - STMicroelectronics AIS2120SX Datasheet HTML 18Page - STMicroelectronics AIS2120SX Datasheet HTML 19Page - STMicroelectronics AIS2120SX Datasheet HTML 20Page - STMicroelectronics AIS2120SX Datasheet HTML 21Page - STMicroelectronics AIS2120SX Datasheet HTML 22Page - STMicroelectronics AIS2120SX Datasheet HTML 23Page - STMicroelectronics AIS2120SX Datasheet HTML 24Page - STMicroelectronics AIS2120SX Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 58 page
background image
DocID028312 Rev 3
21/58
AIS1120SX / AIS2120SX
Customer accessible data arrays (registers)
58
DIS_OFF_MON_CHX
2
R/W
0
Offset monitor channel X disable bit.
= "0" then channel X offset monitor is on;
= "1" then channel X offset monitor is off.
DIS_OFF_MON_CHX is writable if
END_OF_INIT="0".
Writing DIS_OFF_MON_CHX when
END_OF_INIT="1" does not have effect and
generates an error: CONFIG_REG_WR_ERR="1"
DIS_OFF_CANC_CHY
1
R/W
0
Offset cancellation channel Y disable bit.
= "0" then channel Y offset cancellation circuit is
on;
= "1" then channel Y offset cancellation circuit is
off.
DIS_OFF_CANC_CHY is writable if
END_OF_INIT="0".
Writing DIS_OFF_CANC_CHY when
END_OF_INIT="1" does not have effect and
generates an error: CONFIG_REG_WR_ERR="1"
DIS_OFF_CANC_CHX
0
R/W
0
Offset cancellation channel X disable bit.
= "0" then channel X offset cancellation circuit is
on;
= "1" then channel X offset cancellation circuit is
off.
DIS_OFF_CANC_CHX is writable if
END_OF_INIT="0".
Writing DIS_OFF_CANC_CHX when
END_OF_INIT="1" does not have effect and
generates an error: CONFIG_REG_WR_ERR="1"
Table 5. REG_CONFIG (continued)
REG_CONFIG (address: 0x02)
Name
Bit#
R/W
Reset
state
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com