Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIS2120SX Datasheet(PDF) 49 Page - STMicroelectronics

Part # AIS2120SX
Description  Embedded self-test
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS2120SX Datasheet(HTML) 49 Page - STMicroelectronics

Back Button AIS2120SX Datasheet HTML 45Page - STMicroelectronics AIS2120SX Datasheet HTML 46Page - STMicroelectronics AIS2120SX Datasheet HTML 47Page - STMicroelectronics AIS2120SX Datasheet HTML 48Page - STMicroelectronics AIS2120SX Datasheet HTML 49Page - STMicroelectronics AIS2120SX Datasheet HTML 50Page - STMicroelectronics AIS2120SX Datasheet HTML 51Page - STMicroelectronics AIS2120SX Datasheet HTML 52Page - STMicroelectronics AIS2120SX Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 58 page
background image
DocID028312 Rev 3
49/58
AIS1120SX / AIS2120SX
Interface description
58
5.2
32-bit SPI bit information
Table 47. 32-bit SPI command: bits from 15 to 0
Table 46. 32-bit SPI command: bits from 31 to 16
Acceleration
BIT
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
SDI
CH1 CH0 SEN
P
0
0
0
0
0
0
0
0
0
0
0
0
SDO SEN CH1 CH0
P
ST1 ST0 D13 D12
D1
1
D10 D9 D8 D7 D6 D5 D4
Non-acceleration
BIT
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
SDI
OP1 OP0 SEN
P
0
0
A4
A3
A2
A1
A0 D7 D6 D5 D4 D3
SDO SEN OP1 OP0
P
0
0
A4
A3
A2
A1
A0 D7 D6 D5 D4 D3
Acceleration
BIT
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
SDI
0
0
0
0
0
0
0
0
C7
C6 C5
C4
C3
C2 C1
C0
SDO
D3
D2
D1
D0
SF3
SF2 SF1 SF0
C7
C6 C5
C4
C3
C2 C1
C0
Non-acceleration
BIT
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
SDI
D2
D1
D0
0
0
0
0
0
C7C6C5C4C3C2C1C0
SDO
D2
D1
D0
0
SF3
SF2 SF1 SF0
C7
C6 C5
C4
C3
C2 C1
C0
Table 48. Bit decoding
CH[1:0]
OP[1:0]
SEN
ST[1:0]
SF[3:0]
000
X Data
N/A
Non-sensor
Initialization
No error
001
Y Data
Write
Sensor
Normal mode
EEPROM error
010
N/A
N/A
Selt-test mode
SPI error (SE)
011
N/A
Read
Error data
Request error (RE)
100
Condition not correct (CNC)
101
No data (ND)
110
Hardware error (HE)
1000
ADC saturation (AS)
1111
In test mode (TE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com