Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIS2120SX Datasheet(PDF) 39 Page - STMicroelectronics

Part # AIS2120SX
Description  Embedded self-test
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS2120SX Datasheet(HTML) 39 Page - STMicroelectronics

Back Button AIS2120SX Datasheet HTML 35Page - STMicroelectronics AIS2120SX Datasheet HTML 36Page - STMicroelectronics AIS2120SX Datasheet HTML 37Page - STMicroelectronics AIS2120SX Datasheet HTML 38Page - STMicroelectronics AIS2120SX Datasheet HTML 39Page - STMicroelectronics AIS2120SX Datasheet HTML 40Page - STMicroelectronics AIS2120SX Datasheet HTML 41Page - STMicroelectronics AIS2120SX Datasheet HTML 42Page - STMicroelectronics AIS2120SX Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
DocID028312 Rev 3
39/58
AIS1120SX / AIS2120SX
Mechanical and electrical specifications
58
4.3
Digital blocks
Table 34. Digital range and levels
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Bit
ADC resolution
14
bit
ACC_RNG
Range for acceleration data
-8192
+8191 LSb
Out_Hi
Logic output high (SDO pin)
Max static current = 2 mA
VDD-0.6
VDD
V
Out_Low
Logic output low (SDO pin)
Max static current = 2 mA
0.0
0.6
V
In_Hi
Logic input high (all inputs)
2
VDD
V
In_Low
Logic input low (all inputs)
0.0
1
V
CIN1
Input capacitance at high impedence
(SDO pin)
2pF
CIN2
Input capacitance at CS/SDI/SCK pin
10
pF
I_Pull_D
Internal pull-down current (SDI, SCK) Vin = Vcc to 0 V
10
27
50
μA
I_Pull_U
Internal pull-up current (CS)
Vin = Vcc to 0 V
10
27
50
μA
UVT_VDD
Undervoltage threshold (VDD)
2.7
2.9
3.1
V
UVT_VREG Undervoltage threshold (VREG)
2.1
2.3
2.5
V
UV_DET1
Under/overvoltage detection time
VDD below threshold
VREG below threshold
6
1.5
25
5
40
10.5
μs
μs
Hard_Res
Hard reset threshold (VREG)
1.8
2.1
2.2
V
Res_t
Reset activation time
After SPI command
1.5
2
μs
Rec_t
Reset recovery time
Reset to first SPI
access
1ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com