Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F411XC Datasheet(PDF) 69 Page - STMicroelectronics

Part # STM32F411XC
Description  ARM® Cortex®-M4 32b MCUFPU, 125 DMIPS, 512KB Flash, 128KB RAM, USB OTG FS, 11 TIMs, 1 ADC, 13 comm. interfaces
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F411XC Datasheet(HTML) 69 Page - STMicroelectronics

Back Button STM32F411XC Datasheet HTML 65Page - STMicroelectronics STM32F411XC Datasheet HTML 66Page - STMicroelectronics STM32F411XC Datasheet HTML 67Page - STMicroelectronics STM32F411XC Datasheet HTML 68Page - STMicroelectronics STM32F411XC Datasheet HTML 69Page - STMicroelectronics STM32F411XC Datasheet HTML 70Page - STMicroelectronics STM32F411XC Datasheet HTML 71Page - STMicroelectronics STM32F411XC Datasheet HTML 72Page - STMicroelectronics STM32F411XC Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 149 page
background image
DocID026289 Rev 6
69/149
STM32F411xC STM32F411xE
Electrical characteristics
123
Table 21. Typical and maximum current consumption, code with data processing (ART
accelerator disabled) running from SRAM - VDD = 3.6 V
Symbol
Parameter
Conditions
fHCLK
(MHz)
Typ
Max(1)
Unit
TA=
25 °C
TA=
85 °C
TA=
105 °C
TA=
125 °C
IDD
Supply
current in
Run mode
External clock,
PLL ON(2), all
peripherals
enabled(3)(4)
100
21.7
23.3
23.9
24.3
25.3
mA
84
17.5
19.2(5)
19.4
19.5
20.5
64
12.2
13.2
13.5
14.0
14.9
50
9.6
10.4
10.7
11.2
12.1
20
4.5
5.0
5.3
5.9
6.8
HSI, PLL OFF, all
peripherals
enabled(3)
16
3.0
3.3
3.6
4.3
5.2
1
0.5
0.7
1.0
1.7
2.6
External clock,
PLL OFF(2),
all peripherals
disabled(3)
100
13.0
14.6(5)
14.6
14.9
16.0
84
10.5
11.9(5)
12.1
12.2
13.2
64
7.4
8.4(5)
8.8
8.9
9.9
50
5.9
6.6
6.8
7.3
8.2
20
2.8
3.3
3.5
4.2
5.1
HSI, PLL OFF, all
peripherals
disabled(3)
16
1.9
2.1
2.4
3.1
4.0
1
0.4
0.5
0.9
1.6
2.5
1. Guaranteed by characterization results.
2. Refer to Table 41 and RM0383 for the possible PLL VCO setting
3. When analog peripheral blocks such as ADC, HSE, LSE, HSI, or LSI are ON, an additional power consumption has to be
considered.
4. When the ADC is ON (ADON bit set in the ADC_CR2 register), add an additional power consumption of 1.6 mA for the
analog part.
5. Guaranteed by test in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com