Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F411XC Datasheet(PDF) 88 Page - STMicroelectronics

Part # STM32F411XC
Description  ARM® Cortex®-M4 32b MCUFPU, 125 DMIPS, 512KB Flash, 128KB RAM, USB OTG FS, 11 TIMs, 1 ADC, 13 comm. interfaces
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F411XC Datasheet(HTML) 88 Page - STMicroelectronics

Back Button STM32F411XC Datasheet HTML 84Page - STMicroelectronics STM32F411XC Datasheet HTML 85Page - STMicroelectronics STM32F411XC Datasheet HTML 86Page - STMicroelectronics STM32F411XC Datasheet HTML 87Page - STMicroelectronics STM32F411XC Datasheet HTML 88Page - STMicroelectronics STM32F411XC Datasheet HTML 89Page - STMicroelectronics STM32F411XC Datasheet HTML 90Page - STMicroelectronics STM32F411XC Datasheet HTML 91Page - STMicroelectronics STM32F411XC Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 149 page
background image
Electrical characteristics
STM32F411xC STM32F411xE
88/149
DocID026289 Rev 6
Figure 27. ACCLSI versus temperature
6.3.10
PLL characteristics
The parameters given in Table 41 and Table 42 are derived from tests performed under
temperature and VDD supply voltage conditions summarized in Table 14.
Table 41. Main PLL characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fPLL_IN
PLL input clock(1)
0.95(2)
12.10
MHz
fPLL_OUT
PLL multiplier output clock
24
-
100
MHz
fPLL48_OUT
48 MHz PLL multiplier output
clock
-48
75
MHz
fVCO_OUT
PLL VCO output
100
-
432
MHz
tLOCK
PLL lock time
VCO freq = 100 MHz
75
-
200
µs
VCO freq = 432 MHz
100
-
300
Jitter(3)
Cycle-to-cycle jitter
System clock
100 MHz
RMS
-
25
-
ps
peak
to
peak
-
±150
-
Period Jitter
RMS
-
15
-
peak
to
peak
-
±200
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com