Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F411XC Datasheet(PDF) 75 Page - STMicroelectronics

Part # STM32F411XC
Description  ARM® Cortex®-M4 32b MCUFPU, 125 DMIPS, 512KB Flash, 128KB RAM, USB OTG FS, 11 TIMs, 1 ADC, 13 comm. interfaces
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F411XC Datasheet(HTML) 75 Page - STMicroelectronics

Back Button STM32F411XC Datasheet HTML 71Page - STMicroelectronics STM32F411XC Datasheet HTML 72Page - STMicroelectronics STM32F411XC Datasheet HTML 73Page - STMicroelectronics STM32F411XC Datasheet HTML 74Page - STMicroelectronics STM32F411XC Datasheet HTML 75Page - STMicroelectronics STM32F411XC Datasheet HTML 76Page - STMicroelectronics STM32F411XC Datasheet HTML 77Page - STMicroelectronics STM32F411XC Datasheet HTML 78Page - STMicroelectronics STM32F411XC Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 149 page
background image
DocID026289 Rev 6
75/149
STM32F411xC STM32F411xE
Electrical characteristics
123
Table 28. Typical and maximum current consumption in Stop mode - VDD=3.6 V
Symbol
Conditions
Parameter
Typ
Max(1)
Unit
TA =
25 °C
TA =
25 °C
TA =
85 °C
TA =
105 °C
TA =
125 °C
IDD_STOP
Flash in Stop mode, all
oscillators OFF, no
independent watchdog
Main regulator usage
113.7 145(2) 410
720(2)
1217
µA
Low power regulator usage
43.1
68(2)
310
600(2)
1073
Flash in Deep power
down mode, all
oscillators OFF, no
independent watchdog
Main regulator usage
76.2
105(2) 320
600(2)
1019
Low power regulator usage
14
38(2)
275
560(2)
1025
Low power low voltage regulator
usage
10
30(2)
235
510(2)
928
1. Guaranteed by characterization results.
2. Guaranteed by test in production.
Table 29. Typical and maximum current consumption in Standby mode - VDD= 1.7 V
Symbol
Parameter
Conditions
Typ(1)
Max(2)
Unit
TA =
25 °C
TA =
25 °C
TA =
85 °C
TA =
105 °C
TA =
125 °C
IDD_STBY
Supply current
in Standby mode
Low-speed oscillator (LSE) and RTC ON
2.4
4
12
25
50
µA
RTC and LSE OFF
1.8
3(3)
11
24(3)
49
1. When the PDR is OFF (internal reset is OFF), the typical current consumption is reduced by 1.2 µA.
2. Guaranteed by characterization results.
3. Guaranteed by test in production.
Table 30. Typical and maximum current consumption in Standby mode - VDD= 3.6 V
Symbol
Parameter
Conditions
Typ(1)
Max(2)
Unit
TA =
25 °C
TA =
25 °C
TA =
85 °C
TA =
105 °C
TA =
125 °C
IDD_STBY
Supply current
in Standby
mode
Low-speed oscillator (LSE) and RTC ON
2.8
5
14
29
59
µA
RTC and LSE OFF
2.1
4(3)
13.5
28(3)
58
1. When the PDR is OFF (internal reset is OFF), the typical current consumption is reduced by 1.2 µA.
2. Guaranteed by characterization results.
3. Guaranteed by test in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com