Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F411XC Datasheet(PDF) 12 Page - STMicroelectronics

Part # STM32F411XC
Description  ARM® Cortex®-M4 32b MCUFPU, 125 DMIPS, 512KB Flash, 128KB RAM, USB OTG FS, 11 TIMs, 1 ADC, 13 comm. interfaces
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F411XC Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STM32F411XC Datasheet HTML 8Page - STMicroelectronics STM32F411XC Datasheet HTML 9Page - STMicroelectronics STM32F411XC Datasheet HTML 10Page - STMicroelectronics STM32F411XC Datasheet HTML 11Page - STMicroelectronics STM32F411XC Datasheet HTML 12Page - STMicroelectronics STM32F411XC Datasheet HTML 13Page - STMicroelectronics STM32F411XC Datasheet HTML 14Page - STMicroelectronics STM32F411XC Datasheet HTML 15Page - STMicroelectronics STM32F411XC Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 149 page
background image
Description
STM32F411xC STM32F411xE
12/149
DocID026289 Rev 6
Table 2. STM32F411xC/xE features and peripheral counts
Peripherals
STM32F411xC
STM32F411xE
Flash memory in Kbytes
256
512
SRAM in Kbytes
System
128
Timers
General-
purpose
7
Advanced-
control
1
Communication
interfaces
SPI/ I2S
5/5 (2 full duplex)
I2C3
USART
3
SDIO
1
USB OTG FS
1
GPIOs
36
50
81
36
50
81
12-bit ADC
Number of channels
1
10
16
10
16
Maximum CPU frequency
100 MHz
Operating voltage
1.7 to 3.6 V
Operating temperatures
Ambient temperatures: - 40 to +85 °C / - 40 to + 105 °C/ - 40 to + 125 °C
Junction temperature: – 40 to + 130 °C
Package
WLCSP49
UFQFPN48
LQFP64
UFBGA100
LQFP100
WLCSP49
UFQFPN48
LQFP64
UFBGA100
LQFP100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com