Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F411XC Datasheet(PDF) 147 Page - STMicroelectronics

Part # STM32F411XC
Description  ARM® Cortex®-M4 32b MCUFPU, 125 DMIPS, 512KB Flash, 128KB RAM, USB OTG FS, 11 TIMs, 1 ADC, 13 comm. interfaces
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F411XC Datasheet(HTML) 147 Page - STMicroelectronics

Back Button STM32F411XC Datasheet HTML 141Page - STMicroelectronics STM32F411XC Datasheet HTML 142Page - STMicroelectronics STM32F411XC Datasheet HTML 143Page - STMicroelectronics STM32F411XC Datasheet HTML 144Page - STMicroelectronics STM32F411XC Datasheet HTML 145Page - STMicroelectronics STM32F411XC Datasheet HTML 146Page - STMicroelectronics STM32F411XC Datasheet HTML 147Page - STMicroelectronics STM32F411XC Datasheet HTML 148Page - STMicroelectronics STM32F411XC Datasheet HTML 149Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 147 / 149 page
background image
DocID026289 Rev 6
147/149
STM32F411xC STM32F411xE
Revision history
148
Revision history
Table 88. Document revision history
Date
Revision
Changes
19-Jun-2014
1
Initial release.
10-Sep-2014
2
Introduced the BAM feature in Features, Section 2: Description., and Section 3.3: Batch
Acquisition mode (BAM).
Updated Section 3.5: Embedded Flash memory, Section 3.14: Power supply schemes
and Section 3.18: Low-power modes, Section 3.20.2: General-purpose timers (TIMx)
and Section 3.30: Temperature sensor.
Modified Table 8: STM32F411xC/xE pin definitions, Table 9: Alternate function mapping
and APB2 in Table 10: STM32F411xC/xE register boundary addresses.
Modified Table 34: Low-power mode wakeup timings(1), Table 20: Typical and
maximum current consumption, code with data processing (ART accelerator disabled)
running from SRAM - VDD = 1.7 V, Table 21: Typical and maximum current
consumption, code with data processing (ART accelerator disabled) running from
SRAM - VDD = 3.6 V, Table 25: Typical and maximum current consumption in run mode,
code with data processing (ART accelerator enabled with prefetch) running from Flash
memory - VDD = 3.6 V, Table 26: Typical and maximum current consumption in Sleep
mode - VDD = 3.6 V and Table 58: I2C characteristics and Figure 33: I2C bus AC
waveforms and measurement circuit.
Added Figure 21: Low-power mode wakeup, Section Appendix A: Recommendations
when using the internal reset OFF and Section Appendix B: Application block diagrams.
27-Nov-2014
3
Changed datasheet status to Production Data.
Updated Table 31: Typical and maximum current consumptions in VBAT mode.
Section : On-chip peripheral current consumption: changed HCLK frequency and
updated DMA1 and DMA2 current consumption in Table 33: Peripheral current
consumption.
Updated Table 55: I/O AC characteristics.
Updated THD in Table 69: ADC dynamic accuracy at fADC = 18 MHz - limited test
conditions and Table 70: ADC dynamic accuracy at fADC = 36 MHz - limited test
conditions.
Updated Table 55: I/O AC characteristics.
Updated Figure 46: WLCSP49 - 49-ball, 2.999 x 3.185 mm, 0.4 mm pitch wafer level
chip scale package outline and Figure 48: WLCSP49 marking (package top view).
Added Figure 47: WLCSP49 - 49-ball, 2.999 x 3.185 mm, 0.4 mm pitch wafer level chip
scale recommended footprint and Table 80: WLCSP49 recommended PCB design
rules (0.4 mm pitch).
Updated Figure 51: UFQFPN48 marking example (package top view), Figure 54:
LQFP64 marking example (package top view), Figure 57: LQPF100 marking example
(package top view), and Figure 58: UFBGA100 - 100-ball, 7 x 7 mm, 0.50 mm pitch,
ultra fine pitch ball grid array package outline.
04-Feb-2015
4
Added VPP alternate function for BOOT0 in Table 8: STM32F411xC/xE pin definitions.
Added TC inputs in Table 11: Voltage characteristics, Table 12: Current characteristics,
Table 14: General operating conditions,
Table 53: I/O static characteristics and
Figure 30: FT/TC I/O input characteristics.
Updated VESD(CDM) in Table 50: ESD absolute maximum ratings.
A3 minimum and maximum values removed in Table 83: UFBGA100 - 100-ball, 7 x 7
mm, 0.50 mm pitch, ultra fine pitch ball grid array package mechanical data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com