Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS3L60UY Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS3L60UY
Description  Automotive power Schottky rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS3L60UY Datasheet(HTML) 1 Page - STMicroelectronics

  STPS3L60UY Datasheet HTML 1Page - STMicroelectronics STPS3L60UY Datasheet HTML 2Page - STMicroelectronics STPS3L60UY Datasheet HTML 3Page - STMicroelectronics STPS3L60UY Datasheet HTML 4Page - STMicroelectronics STPS3L60UY Datasheet HTML 5Page - STMicroelectronics STPS3L60UY Datasheet HTML 6Page - STMicroelectronics STPS3L60UY Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
This is information on a product in full production.
March 2013
DocID024414 Rev 1
1/7
7
STPS3L60U-Y
Automotive power Schottky rectifier
Datasheet
production data
Features
 Negligible switching losses
 Low forward voltage drop
 Avalanche capability specified
 AEC-Q101 qualified
Description
Surface mount power Schottky rectifier suited for
high frequency DC to DC converters. Packaged in
SMB, this device is intended for use in low
voltage, high frequency inverters and small
battery chargers and for applications where there
are space constraints.
Table 1. Device summary
Symbol
Value
IF(AV)
3 A
VRRM
60 V
Tj (max)
150 °C
VF (max)
0.61 V
K
A
SMB
STPS3L60UY
www.st.com


Similar Part No. - STPS3L60UY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS3L60U STMICROELECTRONICS-STPS3L60U Datasheet
69Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS3L60U STMICROELECTRONICS-STPS3L60U Datasheet
149Kb / 11P
Power Schottky rectifier
12-Jun-2009
STPS3L60U STMICROELECTRONICS-STPS3L60U Datasheet
287Kb / 17P
60 V, 3 A low drop Schottky rectifier
31-Jan-2020
STPS3L60UF STMICROELECTRONICS-STPS3L60UF Datasheet
149Kb / 11P
Power Schottky rectifier
12-Jun-2009
STPS3L60UF STMICROELECTRONICS-STPS3L60UF Datasheet
287Kb / 17P
60 V, 3 A low drop Schottky rectifier
31-Jan-2020
More results

Similar Description - STPS3L60UY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS2H100-Y STMICROELECTRONICS-STPS2H100-Y Datasheet
112Kb / 9P
Automotive power Schottky rectifier
03-Dec-2010
STPS3L40-Y STMICROELECTRONICS-STPS3L40-Y Datasheet
81Kb / 7P
Automotive power Schottky rectifier
10-Mar-2011
STPS3L60-Y STMICROELECTRONICS-STPS3L60-Y Datasheet
87Kb / 7P
Automotive power Schottky rectifier
15-Sep-2011
STPS5L60-Y STMICROELECTRONICS-STPS5L60-Y Datasheet
187Kb / 7P
Automotive power Schottky rectifier
29-Mar-2012
STPS140-Y STMICROELECTRONICS-STPS140-Y Datasheet
103Kb / 9P
Automotive power Schottky rectifier
10-Dec-2010
STPS340-Y STMICROELECTRONICS-STPS340-Y Datasheet
99Kb / 8P
Automotive power Schottky rectifier
24-Oct-2012
STPS5L60SY STMICROELECTRONICS-STPS5L60SY Datasheet
187Kb / 7P
Automotive power Schottky rectifier
29-Mar-2012
STPS3150UY STMICROELECTRONICS-STPS3150UY Datasheet
95Kb / 7P
Automotive power Schottky rectifier
03-Nov-2011
STPS3L40SY STMICROELECTRONICS-STPS3L40SY Datasheet
91Kb / 7P
Automotive power Schottky rectifier
10-Mar-2011
STPS640C-Y STMICROELECTRONICS-STPS640C-Y Datasheet
198Kb / 8P
Automotive power Schottky rectifier
04-Dec-2013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com