Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS3L60UY Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS3L60UY
Description  Automotive power Schottky rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS3L60UY Datasheet(HTML) 4 Page - STMicroelectronics

  STPS3L60UY Datasheet HTML 1Page - STMicroelectronics STPS3L60UY Datasheet HTML 2Page - STMicroelectronics STPS3L60UY Datasheet HTML 3Page - STMicroelectronics STPS3L60UY Datasheet HTML 4Page - STMicroelectronics STPS3L60UY Datasheet HTML 5Page - STMicroelectronics STPS3L60UY Datasheet HTML 6Page - STMicroelectronics STPS3L60UY Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Characteristics
STPS3L60U-Y
4/7
DocID024414 Rev 1
Figure 11. Thermal resistance junction to ambient versus copper surface under each lead
Figure 7. Reverse leakage current versus
reverse voltage applied
(typical values)
Figure 8. Junction capacitance versus reverse
voltage applied
(typical values)
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
0
5
10
15
20
25
30
35
40
45
50
55
60
Tj=125°C
Tj=25°C
Tj=100°C
V (V)
R
I (mA)
R
10
100
1000
1
10
100
F=1MHz
Vosc=30mV
Tj=25°C
V (V)
R
C(pF)
Figure 9. Forward voltage drop versus forward
current (high level)
Figure 10. Forward voltage drop versus forward
current (low level)
0
5
10
15
20
25
30
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
Tj=25°C
(Maximum values)
Tj=100°C
(Maximum values)
Tj=100°C
(Maximum values)
Tj=100°C
(Typical values)
Tj=100°C
(Typical values)
I
(A)
FM
V
(V)
FM
0
1
2
3
4
5
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Tj=25°C
(Maximum values)
Tj=100°C
(Maximum values)
Tj=100°C
(Maximum values)
Tj=100°C
(Typical values)
Tj=100°C
(Typical values)
I
(A)
FM
V
(V)
FM
0
20
40
60
80
100
120
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
SMB
S(Cu)(cm²)
R
(°C/W)
th(j-a)
copper thickness = 35 µm
Expoxy printed circuit FR4,



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com