Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS3L60UY Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS3L60UY
Description  Automotive power Schottky rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS3L60UY Datasheet(HTML) 2 Page - STMicroelectronics

  STPS3L60UY Datasheet HTML 1Page - STMicroelectronics STPS3L60UY Datasheet HTML 2Page - STMicroelectronics STPS3L60UY Datasheet HTML 3Page - STMicroelectronics STPS3L60UY Datasheet HTML 4Page - STMicroelectronics STPS3L60UY Datasheet HTML 5Page - STMicroelectronics STPS3L60UY Datasheet HTML 6Page - STMicroelectronics STPS3L60UY Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Characteristics
STPS3L60U-Y
2/7
DocID024414 Rev 1
1
Characteristics
To evaluate the conduction losses use the following equation:
P = 0.44 x IF(AV) + 0.05 x IF
2
(RMS)
Table 2. Absolute ratings(1)
1. limiting values, per diode
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
60
V
IF(RMS) RMS forward current
10
A
IF(AV)
Average forward current
TL = 105 °C = 0.5
3A
IFSM
Surge non repetitive forward current
tp = 10 ms Sinusoidal
100
A
PARM
Repetitive peak avalanche power
tp = 1 µs Tj = 25 °C
2000
W
Tstg
Storage temperature range
-65 to + 150
°C
Tj
Operating junction temperature(2) range
2.
condition to avoid thermal runaway for a diode on its own heatsink
-40 to + 150
°C
dV/dt
Critical rate of rise reverse voltage
10000
V/µs
Table 3. Thermal resistance
Symbol
Parameter
Value
Unit
Rth (j-l)
Junction to leads
20
C/W
Table 4. Static electrical characteristics
Symbol
Parameter
Tests Conditions
Min.
Typ.
Max.
Unit
IR
(1)
1. Pulse test: tp = 380 µs,  < 2%
Reverse leakage current
Tj = 25 °C
VR = VRRM
-
-
150
µA
Tj = 100 °C
-
4
15
mA
Tj = 125 °C
-
14
30
VF
(1)
Forward voltage drop
Tj = 25 °C
IF = 3 A
-
-
0.62
V
Tj = 100 °C
-
0.53
0.61
Tj = 125 °C
-
0.51
0.59
Tj = 25 °C
IF = 6 A
-
-
0.79
Tj = 100 °C
-
0.62
0.71
Tj = 125 °C
-
0.6
0.69
dPtot
dTj
---------------
1
Rth j
a
–

--------------------------



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com