Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS3L60UY Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS3L60UY
Description  Automotive power Schottky rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS3L60UY Datasheet(HTML) 3 Page - STMicroelectronics

  STPS3L60UY Datasheet HTML 1Page - STMicroelectronics STPS3L60UY Datasheet HTML 2Page - STMicroelectronics STPS3L60UY Datasheet HTML 3Page - STMicroelectronics STPS3L60UY Datasheet HTML 4Page - STMicroelectronics STPS3L60UY Datasheet HTML 5Page - STMicroelectronics STPS3L60UY Datasheet HTML 6Page - STMicroelectronics STPS3L60UY Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DocID024414 Rev 1
3/7
STPS3L60U-Y
Characteristics
Figure 1. Average forward power dissipation
versus average forward current
Figure 2. Average forward current versus
ambient temperature (= 0.5)
P
(W)
F(AV)
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
T
δ=tp/T
tp
I
(A)
F(AV)
δ = 0.05
δ = 0.1 δ = 0.2
δ = 0.5
δ = 1
I
(A)
F(AV)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
25
50
75
100
125
150
R
=80°C/W
th(j-a)
R=R
th(j-a)
th(j-I)
T
(°C)
amb
Figure 3. Normalized avalanche power derating
versus pulse duration
Figure 4. Normalized avalanche power derating
versus junction temperature
0.001
0.01
0.1
0.01
1
0.1
10
100
1000
1
t (µs)
p
P(tp)
P
(1 µs)
ARM
ARM
0
0.2
0.4
0.6
0.8
1
1.2
25
50
75
100
125
150
T (°C)
j
P(Tj)
P
(25 °C)
ARM
ARM
Figure 5. Non repetitive surge peak forward
current versus overload duration (maximum
values)
Figure 6. Relative variation of thermal
impedance junction to ambient versus pulse
duration
0
1
2
3
4
5
6
7
8
9
10
11
1.E-03
1.E-02
1.E-01
1.E+00
Ta=25 °C
Ta=50 °C
Ta=100 °C
IM
t
δ =0.5
I (A)
M
t(s)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
Single pulse
Z/R
th(j-a)
th(j-a)
t (s)
p



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com