Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5C3126C Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI5C3126C
Description  4-Bit BusSwitch with -2V Undershoot Protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5C3126C Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI5C3126C Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5C3126C Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5C3126C Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5C3126C Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5C3126C Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5C3126C Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
PS8512
03/14/01
PI5C3125C/3126C
4-BitBusSwitchwith
–2VUndershootProtection
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI5C3125CSwitchingCharacteristicsoverOperatingRange
Notes:
1. See test circuit and wave forms.
2. This parameter is guaranteed but not tested on Propagation Delays.
3. The bus switch contributes no propagational delay other than the RC delay of the ON
resistance of the switch and the load capacitance. The time constant for the switch alone
is of the order of 0.25ns for 50pF load. Since this time constant is much smaller than the
rise/fall times of typical driving signals, it adds very little propagational delay to the
system. Propagational delay of the bus switch when used in a system is determined by
the driving circuit on the driving side of the switch and its interaction with the load on
the driven side.
s
r
e
t
e
m
a
r
a
Pn
o
it
p
i
r
c
s
e
Ds
n
o
it
i
d
n
o
C
C
5
2
1
3
C
5
I
P
s
ti
n
U
m
o
C
.
n
i
M.
x
a
M
t H
L
P
t L
H
P
y
al
e
D
n
o
it
a
g
a
p
o
r
P
)
3
,
2
(
A
o
t
B
,
B
o
t
A
CL
F
p
0
5
=
RL
m
h
o
0
0
5
=
5
2
.
0
s
n
t H
Z
P
t L
Z
P
e
m
i
T
el
b
a
n
E
s
u
B5
.
06
.
6
t Z
H
P
t Z
L
P
e
m
i
T
el
b
a
si
D
s
u
B5
.
00
.
6
PI5C3126CSwitchingCharacteristicsoverOperatingRange
s
r
e
t
e
m
a
r
a
Pn
o
it
p
i
r
c
s
e
Ds
n
o
it
i
d
n
o
C
C
6
2
1
3
C
5
I
P
s
ti
n
U
m
o
C
.
n
i
M.
x
a
M
t H
L
P
t L
H
P
y
al
e
D
n
o
it
a
g
a
p
o
r
P
)
3
,
2
(
A
o
t
B
,
B
o
t
A
CL
F
p
0
5
=
RL
m
h
o
0
0
5
=
5
2
.
0
s
n
t H
Z
P
t L
Z
P
e
m
i
T
el
b
a
n
E
s
u
B5
.
06
.
6
t Z
H
P
t Z
L
P
e
m
i
T
el
b
a
si
D
s
u
B5
.
00
.
6
ApplicationsInformation
LogicInputs
The logic control inputs can be driven up to +5.5V regardless of the
supplyvoltage.Forexample,givena+5.0Vsupply,BE,maybedriven
LOWto0VandHIGHto5.5V.DrivingBERail-to-Rail®minimizes
power consumption.
Power-SupplySequencing
Proper power-supply sequencing is recommended for all CMOS
devices. Always apply Vcc before applying signals to the input/
output or control pins.
®Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com