Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5C3126C Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI5C3126C
Description  4-Bit BusSwitch with -2V Undershoot Protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5C3126C Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI5C3126C Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5C3126C Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5C3126C Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5C3126C Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5C3126C Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5C3126C Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PI5C3125C/3126C
4-BitBusSwitchwith
–2VUndershootProtection
3
PS8512
03/14/01
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PowerSupplyCharacteristics
Parameters Description
TestConditions(1)
Min.
Typ(2)
Max.
Units
ICC
Quiescent Power
VCC=Max.
VIN=GNDorVCC
100
µA
Supply Current
∆ICC
Supply Current per
VCC=Max.
VIN=3.4V(3)
2.5
mA
Input@TTLHIGH
DC Electrical Characteristics(OvertheOperatingRange,TA=–40°Cto+85°C,VCC=5V±10%)
Parameters Description
TestConditions(1)
Min.
Typ(2)
Max.
Units
VIH
InputHIGHVoltage
GuaranteedLogicHIGHLevel
2.0
V
VIL
Input LOW Voltage
GuaranteedLogicLOWLevel
–0.5
0.8
V
IIH
InputHIGHCurrent
VCC=Max.,VIN=VCC
±1
µA
IIL
Input LOW Current
VCC=Max.,VIN=GND
±1
µA
IOZH
High Impedance Output Current
0 ≤ A, B ≤ VCC
±1
µA
VIK
ClampDiodeVoltage
VCC = Min., IIN = –18mA
–1.8
V
VUP
Undershoot Protection Voltage(3)
Max Inputs, Undershoot Pulse
–2.0
V
Duration <25ns
RON
Switch On Resistance(4)
VCC=Min.,VIN=0.0V, ION=48mA
5
7
ohm
VCC=Min.,VIN=2.4V, ION=15mA
10
15
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device.
2. Typical values are at VCC=5.0V,+25°Cambient.
3. Per TTL driven input (VIN = 3.4V, control inputs only); A and B pins do not contribute to ICC.
4. This current applies to the control inputs only and represent the current required to switch internal capacitance at the specified
frequency.
The A and B inputs generate no significant AC or DC currents as they transition. This parameter is not tested, but is guaranteed
by design.
Capacitance(TA=25°C,f=1MHz)
Parameters(5)
Description
TestConditions
Typ.
Max.
Units
CIN
Input Capacitance
VIN=0V
6
pF
COFF
A/B Capacitance, Switch Off
VIN=0V
6
pF
CON
A/B Capacitance, Switch On
VIN=0V
8
pF
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC=5.0V,TA = 25°C ambient and maximum loading.
3. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
4. Measured by the voltage drop between A and B pin at indicated current through the switch. ON resistance is determined by the
lower of the voltages on the two (A, B) pins.
5. This parameter is determined by device characterization but is not production tested.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com