Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5C3126C Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI5C3126C
Description  4-Bit BusSwitch with -2V Undershoot Protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5C3126C Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI5C3126C Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5C3126C Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5C3126C Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5C3126C Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5C3126C Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5C3126C Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
PS8512
03/14/01
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
4-Bit BusSwitch with
–2V Undershoot Protection
ProductDescription
PericomSemiconductor’sPI5Cseriesoflogiccircuitsareproduced
using the Company’s advanced submicron CMOS technology,
achieving industry leading performance.
The PI5C3125C and PI5C3126C are 5V, 4-bit, 2-port bus switches.
They are intended for PCI Hot-Plug applications. Industry leading
advantages include a propagation delay of 250ps, resulting from its
5-ohm channel resistance and low I/O capacitance. The A-ports
switch data to B outputs and are bidirectional. The PI5C3125C
devicehasactiveLOWenables,andthePI5C3126ChasactiveHIGH
enables.
The A-port can handle up to –2V undershoot when the switch is
disabled.
ProductFeatures
•RONis 5ohm typical
• Undershoot protection on A port only: –2V
• Direct bus connection when switches are ON
• IndustrialOperationTemperature:–40°Cto+85°C
• Near zero propagation delay
• LowChannelONCapacitance:14pFmax.
• Packagesavailable:
–14-pin173milwideplasticTSSOP(L)
–14-pin150milwideplasticSOIC(W)
–16-pin150milwideplasticQSOP(Q)
PI5C3125CLogicBlockDiagram
PI5C3126CLogicBlockDiagram
BE0
A0
B0
BE1
A1
B1
BE2
A2
B2
BE3
A3
B3
BE0
A0
B0
BE1
A1
B1
BE2
A2
B2
BE3
A3
B3
PI5C3125C
PI5C3126C
Applications
• PCI Hot Plugging for live insertion
• Memory bank sharing


Similar Part No. - PI5C3126C

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C3126 PERICOM-PI5C3126 Datasheet
393Kb / 6P
4-Bit Bus Switch with Individual Enables
PI5C3126 PERICOM-PI5C3126 Datasheet
498Kb / 5P
4-Bit Bus Switch with Individual Enables
PI5C3126L PERICOM-PI5C3126L Datasheet
393Kb / 6P
4-Bit Bus Switch with Individual Enables
PI5C3126LE PERICOM-PI5C3126LE Datasheet
393Kb / 6P
4-Bit Bus Switch with Individual Enables
PI5C3126Q PERICOM-PI5C3126Q Datasheet
393Kb / 6P
4-Bit Bus Switch with Individual Enables
More results

Similar Description - PI5C3126C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSTU16211 FAIRCHILD-FSTU16211 Datasheet
211Kb / 6P
24-Bit Bus Switch with .2V Undershoot Protection (Preliminary)
FSTU16245 FAIRCHILD-FSTU16245 Datasheet
190Kb / 6P
16-Bit Bus Switch with -2V Undershoot Protection
FSTU16861 FAIRCHILD-FSTU16861 Datasheet
157Kb / 6P
20-Bit Bus Switch with -2V Undershoot Protection
FSTU16862 FAIRCHILD-FSTU16862 Datasheet
240Kb / 7P
20-Bit Bus Switch with -2V Undershoot Protection
FSTU3125 FAIRCHILD-FSTU3125 Datasheet
136Kb / 7P
4-Bit Bus Switch with -2V Undershoot Protection
FSTU32X384 FAIRCHILD-FSTU32X384 Datasheet
241Kb / 6P
20-Bit Low Power Bus Switch with -2V Undershoot Protection
FSTU3384 FAIRCHILD-FSTU3384 Datasheet
99Kb / 5P
10-Bit Bus Switch with -2V Undershoot Hardened Circuit (UHC?? Protection
logo
Pericom Semiconductor C...
PI5C16233C PERICOM-PI5C16233C Datasheet
220Kb / 3P
16-Bit to 32-Bit Mux/Demux BusSwitch with Undershoot Protection
logo
Fairchild Semiconductor
FSTU16862 FAIRCHILD-FSTU16862_06 Datasheet
248Kb / 7P
20-Bit Bus Switch with -2V Undershoot Protection
logo
Pericom Semiconductor C...
PI5C16215C PERICOM-PI5C16215C Datasheet
166Kb / 5P
20-Bit,Hot Insertion,BusSwitch with Precharged Outputs & Undershoot Protection
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com