Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5C3126C Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI5C3126C
Description  4-Bit BusSwitch with -2V Undershoot Protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5C3126C Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

  PI5C3126C Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5C3126C Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5C3126C Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5C3126C Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5C3126C Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5C3126C Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
PS8512
03/14/01
PI5C3125C/3126C
4-BitBusSwitchwith
–2VUndershootProtection
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
14-PinTSSOP(L)
0.193
0.201
0.047
0.002
0.006
SEATING
PLANE
0.0256
typical
0.018
0.030
0.004
0.008
0.240
0.264
1
14
0.169
0.177
X.XX
X.XX
DENOTES DIMENSIONS
IN MILLIMETERS
0.05
0.15
6.1
6.7
0.45
0.75
0.09
0.20
4.3
4.5
1.20
max.
4.90
5.10
0.65
0.19
0.30
0.007
0.012
Pericom Semiconductor Corporation
2380 Bering Drive • San Jose, CA 95131 • 1-800-435-2336 • Fax (408) 435-1100 • http://www.pericom.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com