Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL2303 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # PL2303
Description  PL-2303 USB to RS-232 Bridge Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PL2303 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  PL2303 Datasheet HTML 1Page - List of Unclassifed Manufacturers PL2303 Datasheet HTML 2Page - List of Unclassifed Manufacturers PL2303 Datasheet HTML 3Page - List of Unclassifed Manufacturers PL2303 Datasheet HTML 4Page - List of Unclassifed Manufacturers PL2303 Datasheet HTML 5Page - List of Unclassifed Manufacturers PL2303 Datasheet HTML 6Page - List of Unclassifed Manufacturers PL2303 Datasheet HTML 7Page - List of Unclassifed Manufacturers PL2303 Datasheet HTML 8Page - List of Unclassifed Manufacturers PL2303 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Release Date:
July, 2002
ds_pl2303_v14
PL-2303 Product Datasheet
- 5 -
Document Revision 1.3
Overview
The PL-2303 operates as a bridge between one USB port and one standard RS232 Serial port. The two
large on-chip buffers accommodate data flow from two different buses. The USB bulk-type data is adopted
for maximum data transfer. Automatic handshake is supported at the Serial port. With these, a much higher
baud rate can be achieved compared to the legacy UART controller.
This device is also compliant with USB power management and remote wakeup scheme. Only minimum
power is consumed from the host during Suspend. By integrating all the function in a SOIC-28 package, this
chip is suitable for cable embedding. Users just simply hook the cable into PC or hub’s USB port, and then
they can connect to any RS-232 devices.
Pin Description
Table 1. Pins Description
Pin
No.
Name
Type
Description
1
TXD
O
Data output to Serial port
2
DTR_N
O
Data Terminal Ready, active low
3
RTS_N
O
Request To Send, active low
4
VDD_232
P
RS-232 VDD. The RS-232 output signals (Pin 1 ~ Pin 3) are
designed for 5V, 3.3V or 3V operation. VDD_232 should be
connected to the same power level of the RS-232 interface.
(The RS-232 input signals are always 5V~3V tolerant.)
Note: This document version only provides 5V DC characteristic
information. Refer to future revisions for updates.
5
RXD
I
Data input from Serial Bus
6
RI_N
I
Ring Indicator, active low
7
GND
P
Ground
8
VDD
P
Power
9
DSR_N
I
Data Set Ready, active low
10
DCD_N
I
Data Carrier Detect, active low
11
CTS_N
I
Clear To Send, active low
12
SHTD_N
O
Shut Down RS232 Transceiver
13
EE_CLK
I/O
During Reset, this pin is input for simulation purpose. During
normal operation, this pin is Serial ROM clock
14
EE_DATA
I/O
Serial ROM data signal
15
DP
I/O
USB DPLUS signal
16
DM
I/O
USB DMINUS signal
17
VDD_3V3
P
3.3V power for USB transceiver
18
GND_3V3
P
3.3V ground
19
RESET
I
System Reset
20
VDD
P
Power
21
GND
P
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com