Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL2303 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # PL2303
Description  PL-2303 USB to RS-232 Bridge Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PL2303 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button PL2303 Datasheet HTML 2Page - List of Unclassifed Manufacturers PL2303 Datasheet HTML 3Page - List of Unclassifed Manufacturers PL2303 Datasheet HTML 4Page - List of Unclassifed Manufacturers PL2303 Datasheet HTML 5Page - List of Unclassifed Manufacturers PL2303 Datasheet HTML 6Page - List of Unclassifed Manufacturers PL2303 Datasheet HTML 7Page - List of Unclassifed Manufacturers PL2303 Datasheet HTML 8Page - List of Unclassifed Manufacturers PL2303 Datasheet HTML 9Page - List of Unclassifed Manufacturers PL2303 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Release Date:
July, 2002
ds_pl2303_v14
PL-2303 Product Datasheet
- 6 -
Document Revision 1.3
Pin
No.
Name
Type
Description
22
TRI_STATE
I
Tri-State
This pin is referred after reset.
High: RS-232 output inactive during Suspend.
Low: RS-232 output tri-state during Suspend.
23
LD_MD/
SHTD
I/O
Load Mode/SHTD
This pin is input during reset. Pull high with a 220K resistor to
indicate the heavy load USB device (500mA). Pull down with a
220K resistor to indicate the light load USB device 100mA).
After reset, this pin becomes output. It output the inverse of
SHTD_N.
24
VDD_PLL
P
5V power for PLL
25
GND_PLL
P
Ground for PLL
26
PLL_TEST
I
PLL test mode control
27
OSC1
I
Crystal oscillator input
28
OSC2
O
Crystal oscillator output
Type:
I – Input signal
O – Output signal
I/O – Bi-directional signal
P – Power/Ground
Supported Data Formats and Programmable Baud Rate Generator
The PL2303 USB-to-RS232 bridge controller supports versatile data formats and has a programmable baud
rate generator. The supported data formats are shown on Table 2. The programmable baud rate generator
supports baud rates up to 1.2M bps as shown in Table 3.
Table 2. Supported Data Formats
Description
Stop bits
1
1.5
2
Parity type
None
Odd
Even
Mark
Space
Data bits
5, 6, 7, 8, or 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com