Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL2303 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # PL2303
Description  PL-2303 USB to RS-232 Bridge Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PL2303 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button PL2303 Datasheet HTML 3Page - List of Unclassifed Manufacturers PL2303 Datasheet HTML 4Page - List of Unclassifed Manufacturers PL2303 Datasheet HTML 5Page - List of Unclassifed Manufacturers PL2303 Datasheet HTML 6Page - List of Unclassifed Manufacturers PL2303 Datasheet HTML 7Page - List of Unclassifed Manufacturers PL2303 Datasheet HTML 8Page - List of Unclassifed Manufacturers PL2303 Datasheet HTML 9Page - List of Unclassifed Manufacturers PL2303 Datasheet HTML 10Page - List of Unclassifed Manufacturers PL2303 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Release Date:
July, 2002
ds_pl2303_v14
PL-2303 Product Datasheet
- 10 -
Document Revision 1.3
USB Transceiver Characteristics
Parameter
Symbol
Min
Typ
Max
Units
Rise and Fall Times:
(10%―90%)
(90%―10%)
TR
TF
4
4
8
8
15
15
ns
ns
Cross Point
VCR
1.3
--
2.0
V
Output Impedance
RD
23
28
33
ohm
High Level Output
VOH
2.8
--
--
V
Low Level Output
VOL
--
--
0.7
V
High Level Input
VIH
2.0
--
--
V
Low Level Input
VIL
--
--
0.8
V
•
CL: 50pf
Clock Characteristics
Parameter
Min
Typ
Max
Units
Frequency of Operation
11.976
12.000
12.024
MHz
Clock Period
83.1
83.3
83.5
ns
Duty Cycle
45
50
55
%
Package Dimensions (28-Pin SSOP)
Millimeters
Inch
Symbol
Min
Nom
Max
Min
Nom
Max
b
0.22
0.38
0.009
0.015
E
7.40
7.80
8.20
0.291
0.307
0.323
E1
5.00
5.30
5.60
0.197
0.209
0.220
L
0.55
0.75
0.95
0.021
0.030
0.037
R1
0.09
0.004
D
9.9
10.2
10.5
0.390
0.402
0.413
A
2.0
0.079
e
0.65
0.0256
L1
1.25
0.050
A1
0.05
0.020
A2
1.65
1.75
1.85
0.065
0.069
0.073



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com