Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL2303 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # PL2303
Description  PL-2303 USB to RS-232 Bridge Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PL2303 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button PL2303 Datasheet HTML 3Page - List of Unclassifed Manufacturers PL2303 Datasheet HTML 4Page - List of Unclassifed Manufacturers PL2303 Datasheet HTML 5Page - List of Unclassifed Manufacturers PL2303 Datasheet HTML 6Page - List of Unclassifed Manufacturers PL2303 Datasheet HTML 7Page - List of Unclassifed Manufacturers PL2303 Datasheet HTML 8Page - List of Unclassifed Manufacturers PL2303 Datasheet HTML 9Page - List of Unclassifed Manufacturers PL2303 Datasheet HTML 10Page - List of Unclassifed Manufacturers PL2303 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Release Date:
July, 2002
ds_pl2303_v14
PL-2303 Product Datasheet
- 9 -
Document Revision 1.3
Electrical Characteristics
Absolute Maximum Ratings
Item
Ratings
Power Supply Voltage
-0.3 to 6.0 V
Input Voltage
-0.3 to VDD+0.3 V
Output Voltage
-0.3 to VDD+0.3 V
Storage Temperature
-55 to 150
oC
DC Characteristics
Parameter
Symbol
Min
Typ
Max
Units
Power Supply Current
IDD
0.5
19
24
mA
Input Voltage
Low
High
VIL
VIH
--
0.7* VDD
--
--
0.3* VDD
--
V
V
Output Voltage
Low
High
VOL
VOH
--
3.5
--
--
0.4
--
V
V
Schmitt Trigger Threshold Voltage*
1
Negative going
Positive going
Vt-
Vt+
--
--
1.10
1.87
--
--
V
V
Output Voltage, 3.3V*
2
Low
High
VOL
VOH
--
2.4
--
--
0.4
--
V
V
Input Leakage Current
IL
-1
--
1
uA
Tri-state Leakage Current
Ioz
-10
--
10
uA
Input Capacitance
CIN
--
3
--
Pf
Output Capacitance
COUT
--
3
--
Pf
Bi-directional Buffer Capacitance
CBID
--
3
--
Pf
Operating Voltage Range
--
4.75
5
5.25
V
Suspend Current
ISUS
--
400
490
uA
*1. RS232 pins RXD_I, RI_I, DSR_I, DCD_I, CTS_I are 5V TTL Schmitt Trigger inputs.
*2. RS232 pins TXD, DTR_N, RTS_N are 3.3V tri-state outputs.
Temperature Characteristics
Parameter
Symbol
Min
Typ
Max
Units
Operating Temperature
--
-40
--
85
oC
Junction Operation Temperature
TJ
0
25
115
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com