Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL856 Datasheet(PDF) 77 Page - Micronas

Part # HAL856
Description  Programmer Board
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL856 Datasheet(HTML) 77 Page - Micronas

Back Button HAL856 Datasheet HTML 73Page - Micronas HAL856 Datasheet HTML 74Page - Micronas HAL856 Datasheet HTML 75Page - Micronas HAL856 Datasheet HTML 76Page - Micronas HAL856 Datasheet HTML 77Page - Micronas HAL856 Datasheet HTML 78Page - Micronas HAL856 Datasheet HTML 79Page - Micronas HAL856 Datasheet HTML 80Page - Micronas HAL856 Datasheet HTML 81Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 102 page
background image
APPLICATION NOTE
HAL8xy, HAL100x
Programmer Board
Micronas
Sept. 19, 2013; APN000046_03EN
77
6.5.
The Programming Procedure
The general programming procedure is described in detail for the HAL855.
An example for a programming procedure is given in Fig. 6–6.
First, the programmer board has to be initialized. If more than one sensor is connected
to the same supply line, the sensors have to be addressed sequentially. This is done by
the multiprogramming loop: After deactivating all sensors, the sensor to be pro-
grammed is activated again by sending a pulse on the corresponding output line, fol-
lowed by a dummy read command.
Note: The flow chart given in Fig. 6–6 is intended as a simple example. The multipro-
gramming loop can also be done within the calibration procedure.
Example:
Fig. 6–6:
General procedure
BEGIN
INITIALIZE BOARD
STX j 2 ETX
[Set Board Mode]
STX z CHR$(85) ETX
[Set Protocol Bittime]
STX n ETX
[Switch Vdd on]
DELAY 20 ms
MULTIPROGRAMMING
FOR SENSOR = 1 TO 4:
STX w 3 1 f 0 0 8 0 f 0 ETX
[Deactivate Sensors]
DELAY 100 ms
STX h SENSOR CHR$(25) ETX
[Select SENSOR]
STX q 0 1 1 1 ETX
[Dummy Read]
CALIBRATE SENSOR
END MULTIPROGRAMMING LOOP
END



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com