Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL856 Datasheet(PDF) 20 Page - Micronas

Part # HAL856
Description  Programmer Board
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL856 Datasheet(HTML) 20 Page - Micronas

Back Button HAL856 Datasheet HTML 16Page - Micronas HAL856 Datasheet HTML 17Page - Micronas HAL856 Datasheet HTML 18Page - Micronas HAL856 Datasheet HTML 19Page - Micronas HAL856 Datasheet HTML 20Page - Micronas HAL856 Datasheet HTML 21Page - Micronas HAL856 Datasheet HTML 22Page - Micronas HAL856 Datasheet HTML 23Page - Micronas HAL856 Datasheet HTML 24Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 102 page
background image
HAL8xy, HAL100x
APPLICATION NOTE
Programmer Board
20
Sept. 19, 2013; APN000046_03EN
Micronas
Examples:
(Blanks are given for better readability only)
–power on:
STX n ETX
– set bit time slow CHR$(85) = ’U’:
STX z U ETX
– read register no. 2:
STX q 2 0 2 1 ETX
– write register no. 2:
STX e 3 1 2 1 0 0 0 A 1 ETX
– store sequence:
STX u CHR$(200) ETX (set programming time)
STX m 5 1 1 1 ETX (ERASE)
STX m 4 0 1 1 ETX (PROM)
– deactivate sensors:
STX e 3 1 F 0 0 8 0 F 0 ETX
– select sensor A:
STX a CHR$(25) ETX
– lock sensors
STX u CHR$(200) ETX (set programming time)
STX l 7 0 6 0 5 1 1 1 ETX (LOCK-ERASE)
4.2.1.
Monitoring of the Programming Voltage
In case of ERASE, PROM, and LOCK, the programming pulse voltage is measured by
the board, and a data string is sent back to the PC. The relation between the data and
the programming voltage is
If the programming pulse voltage is out of the specification limits, the status bit is set to
“1”.
Examples:
–VPROG = 12.15 V, Data board PC:
STX 1 0 D 0 A 0 ETX
(DAT = 0 D 0 A)
–VPROG = 12.50 V, Data board PC:
STX 0 0 D 6 9 0 ETX
(DAT = 0 D 6 9)
V
PROG
DAT
4095
------------ 6 2.485 V

=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com