Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL856 Datasheet(PDF) 86 Page - Micronas

Part # HAL856
Description  Programmer Board
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL856 Datasheet(HTML) 86 Page - Micronas

Back Button HAL856 Datasheet HTML 82Page - Micronas HAL856 Datasheet HTML 83Page - Micronas HAL856 Datasheet HTML 84Page - Micronas HAL856 Datasheet HTML 85Page - Micronas HAL856 Datasheet HTML 86Page - Micronas HAL856 Datasheet HTML 87Page - Micronas HAL856 Datasheet HTML 88Page - Micronas HAL856 Datasheet HTML 89Page - Micronas HAL856 Datasheet HTML 90Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 102 page
background image
HAL8xy, HAL100x
APPLICATION NOTE
Programmer Board
86
Sept. 19, 2013; APN000046_03EN
Micronas
Examples:
(Blanks are given for better readability only)
– set board operation mode:
STX j 3 ETX
–power on:
STX n ETX
– set bit time slow CHR$(85) = ’U’:
STX z U ETX
– read register no. 2:
STX q 0 1 2 1 ETX
– write register no. 2:
STX e 3 1 2 1 0 0 0 A 1 ETX
– write output characteristic setpoint 0:
STX e 1 0 0 0 0 0 0 0 1 ETX
– write output characteristic setpoint 16:
STX e 2 0 0 0 0 1 0 0 0 ETX
– read output characteristic setpoint 15:
STX e 6 1 f 0 ETX
– read output characteristic setpoint 31:
STX q 7 0 f 0 ETX
– store sequence:
STX u CHR$(100) ETX (set programming time)
STX y CHR$(11) ETX (set delay of Acknowledge)
STX c 5 1 3 0 4 0 3 0 6 1 0 0 ETX
(ERASE-PROM-READ)
– lock sensors
STX e 3 1 6 0 0 0 0 1 0 ETX (set Lock bit)
STX u CHR$(100) ETX (set programming time)
STX y CHR$(11) ETX (set delay of Acknowledge)
STX k 4 0 6 0 0 1 3 0 ETX (PROM-READ)
7.2.1.
Monitoring of the Supply Voltage
In case of ERASE, PROM, and LOCK, the supply voltage is measured by the board,
and a data string is sent back to the PC. The relation between the data and the supply
voltage is
If the supply voltage is out of the specification limits, the status bit is set to “1”.
Examples:
–VPROG = 4.80 V, Data board  PC:
STX 1 0 5 2 6 0 ETX
(DAT = 0 5 2 6)
–VPROG = 5.00 V, Data board  PC:
STX 0 0 5 5 D 0 ETX
(DAT = 0 5 5 D)
V
PROG
DAT
4095
------------ 6 2.485 V

=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com