Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL856 Datasheet(PDF) 13 Page - Micronas

Part # HAL856
Description  Programmer Board
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL856 Datasheet(HTML) 13 Page - Micronas

Back Button HAL856 Datasheet HTML 9Page - Micronas HAL856 Datasheet HTML 10Page - Micronas HAL856 Datasheet HTML 11Page - Micronas HAL856 Datasheet HTML 12Page - Micronas HAL856 Datasheet HTML 13Page - Micronas HAL856 Datasheet HTML 14Page - Micronas HAL856 Datasheet HTML 15Page - Micronas HAL856 Datasheet HTML 16Page - Micronas HAL856 Datasheet HTML 17Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 102 page
background image
APPLICATION NOTE
HAL8xy, HAL100x
Programmer Board
Micronas
Sept. 19, 2013; APN000046_03EN
13
3.2.
Recommended Operating Conditions
Functional operation at conditions other than those listed below is not implied and may
result in insufficient programming of the connected sensor and may cause damage to
the Hall programmer board.
Table 3–1:
Check list
Check Item
When
Status/error flag
After transmission of each write, read, or
store command
Programming voltage
After sending a store command
(ERASE and PROM)
Programming pulse width
Evaluation of software after implementation
Verify written data
After finishing the programming sequence
Lock function
After lock
(Note: The Lock function is active after the
next power-on reset.)
Analog test (functional test)
After locking
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
VSUP
Supply Voltage (DC)
17.0
18.0
20.0
V
VACp-p
Supply Voltage AC Ripple
00.150
Vp-p
ISUP
Supply Current
50
120
300
mA
CL
Load Capacitance

20001)
nF
IOUT
Continuous Output Current

60
mA
TA
Ambient Temperature Range
10
25
50
°C
1) Example: If four sensors are connected to the programmer board, blocking capacitors of 500 nF between V
DD
and GND of each sensor can be applied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com