Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL1002 Datasheet(PDF) 39 Page - Micronas

Part # HAL1002
Description  Programmer Board
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL1002 Datasheet(HTML) 39 Page - Micronas

Back Button HAL1002 Datasheet HTML 35Page - Micronas HAL1002 Datasheet HTML 36Page - Micronas HAL1002 Datasheet HTML 37Page - Micronas HAL1002 Datasheet HTML 38Page - Micronas HAL1002 Datasheet HTML 39Page - Micronas HAL1002 Datasheet HTML 40Page - Micronas HAL1002 Datasheet HTML 41Page - Micronas HAL1002 Datasheet HTML 42Page - Micronas HAL1002 Datasheet HTML 43Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 102 page
background image
APPLICATION NOTE
HAL8xy, HAL100x
Programmer Board
Micronas
Sept. 19, 2013; APN000046_03EN
39
5.2.0.2.
HAL82x, HAL83x, HAL880, HAL1002
STX j1 ETX// set board operation mode
STX n ETX// power on
STX z U ETX // set bit time slow CHR$(85) = ’U’
STX q 2 0 2 1 ETX// read register no. 2
STX e 3 1 2 1 0 0 0 A 1 ETX// write register no. 2
// store sequence start ----------------------------------------------------------------
STX u CHR$(100) ETX // set programming time
STX m 5 1 0 0 ETX // ERASE
STX m 4 0 0 0 ETX // PROM
// store sequence end -----------------------------------------------------------------
STX e 3 1 F 0 0 8 0 F 0 ETX// deactivate sensors
STX h 1 CHR$(25) ETX// select sensor 1
STX q 2 0 2 1 ETX// dummy read
// lock sequence start -----------------------------------------------------------------
STX u CHR$(100) ETX// set programming time
STX e 3 1 6 0 0 0 0 1 0 ETX // set LOCK bit
STX m 5 1 0 0 ETX // ERASE
STX m 4 0 0 0 ETX // PROM
5.2.1.
Monitoring of the Programming Voltage
In case of ERASE, PROM, and LOCK, the programming pulse voltage is measured by
the board, and a data string is sent back to the PC. The relation between the data and
the programming voltage is
If the programming pulse voltage is out of the specification limits, the status bit is set to
“1”.
Examples:
–VPROG = 12.15 V, Data Board  PC:
STX 1 0 D 0 A 0 ETX
(DAT = 0 D 0 A)
–VPROG = 12.50 V, Data Board  PC:
STX 0 0 D 6 9 0 ETX
(DAT = 0 D 6 9)
V
PROG
DAT
4095
------------ 6 2.485 V

=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com