Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL1002 Datasheet(PDF) 19 Page - Micronas

Part # HAL1002
Description  Programmer Board
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL1002 Datasheet(HTML) 19 Page - Micronas

Back Button HAL1002 Datasheet HTML 15Page - Micronas HAL1002 Datasheet HTML 16Page - Micronas HAL1002 Datasheet HTML 17Page - Micronas HAL1002 Datasheet HTML 18Page - Micronas HAL1002 Datasheet HTML 19Page - Micronas HAL1002 Datasheet HTML 20Page - Micronas HAL1002 Datasheet HTML 21Page - Micronas HAL1002 Datasheet HTML 22Page - Micronas HAL1002 Datasheet HTML 23Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 102 page
background image
APPLICATION NOTE
HAL8xy, HAL100x
Programmer Board
Micronas
Sept. 19, 2013; APN000046_03EN
19
4.2.
The Board Commands BCMD
The board commands activate functions of the firmware. The characters following the
BCMD are the parameters of this function. Some functions serve to control the board
operation and do not address the Hall device.
The read, write, program, and lock functions communicate with the Hall device. The
parameters of these functions are converted into a serial telegram and is sent to the
connected sensor.
Table 4–2:
Description of the board commands
BCMD
Parameters
Description
n
Switch VDD on
o
Switch VDD off
z[t]
t = 10...255 (as ASCII character)
default t = 162
HAL8x5, HAL810, HAL1000: set t = 85
Set bit time slow mode
bit time = t × 0.02 ms
default bit time = 3.24 ms
HAL8x5, HAL810, HAL1000: set bit time = 1.7 ms
u[t]
t = 10...255 (as ASCII character)
HAL8x5, HAL810, HAL1000: set t = 200
Set programming pulse width
width = t × 0.50 ms
HAL8x5, HAL810, HAL1000: set width = 100 ms
a[t]
t = 10...255 (as ASCII character)
recommended t = 25
Select sensor A,
select pulse width = t × 4.0 µs
recommended pulse width = 100 µs
b[t]
t = 10...255 (as ASCII character)
recommended t = 25
Select sensor B,
select pulse width = t × 4.0 µs
recommended pulse width = 100 µs
e[p]
p = CMD CP ADR AP DAT3 DAT2 DAT1 DAT0 DP
Write HAL and echo data to PC
q[p]
p = CMD CP ADR AP
Read HAL and echo data to PC
m[p]
p = CMD CP ADR AP
Program HAL and echo program voltage to PC
l[p]
p = CMD1 CP1 ADR1 AP1 CMD2 CP2 ADR2 AP2
Lock HAL and echo program voltage to PC
v
Request firmware version
t
Request status and echo data to PC
j[p]
p = 0...3 (as HEX)
Switch board operation mode
0 = EMU Board V 4.1 (default)
1 = HAL805, HAL815, HAL817, HAL810,
HAL82x, HAL83x, HAL880, and HAL100x
2 = HAL855
3 = HAL856



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com