Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL1002 Datasheet(PDF) 45 Page - Micronas

Part # HAL1002
Description  Programmer Board
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL1002 Datasheet(HTML) 45 Page - Micronas

Back Button HAL1002 Datasheet HTML 41Page - Micronas HAL1002 Datasheet HTML 42Page - Micronas HAL1002 Datasheet HTML 43Page - Micronas HAL1002 Datasheet HTML 44Page - Micronas HAL1002 Datasheet HTML 45Page - Micronas HAL1002 Datasheet HTML 46Page - Micronas HAL1002 Datasheet HTML 47Page - Micronas HAL1002 Datasheet HTML 48Page - Micronas HAL1002 Datasheet HTML 49Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 102 page
background image
APPLICATION NOTE
HAL8xy, HAL100x
Programmer Board
Micronas
Sept. 19, 2013; APN000046_03EN
45
Table 5–6: Available register addresses of HAL82x, HAL83x, HAL880 and HAL1002
Register
Code
Data
Bits
Format
Customer
Remark
CLAMP LOW
1
8
binary
read/write/program
low clamping voltage
CLAMP HIGH
2
9
binary
read/write/program
high clamping voltage
VOQ
3
11
two compl.
binary
read/write/program
SENSITIVITY
4
14
signed binary
read/write/program
MODE (only HAL82x
and HAL880)
5
8
binary
read/write/program
range, filter, output mode,
interface bit time settings
MODE (only HAL83x)
5
10
binary
read/write/program
range, filter, output mode,
offset correction settings
LOCK
6
2
binary
read/write/program
lock bit
GP1..3
8
13
binary
read/write/program
It is only possible to program
this register if the mode reg-
ister bit zero is set to 1.
D/A-READOUT
9
14
binary
read
Bit sequence is reversed
during read sequence.
TC
11
10
binary
read/write/program
bit 0 to 2 TCSQ
bit 3 to 7 TC
bit 7 to 9 TC-RANGE
GP0
12
13
binary
read/write/program
It is only possible to program
this register if the mode reg-
ister bit zero is set to 1.
DEACTIVATE
15
12
binary
write
deactivate the sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com