Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL1002 Datasheet(PDF) 49 Page - Micronas

Part # HAL1002
Description  Programmer Board
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL1002 Datasheet(HTML) 49 Page - Micronas

Back Button HAL1002 Datasheet HTML 45Page - Micronas HAL1002 Datasheet HTML 46Page - Micronas HAL1002 Datasheet HTML 47Page - Micronas HAL1002 Datasheet HTML 48Page - Micronas HAL1002 Datasheet HTML 49Page - Micronas HAL1002 Datasheet HTML 50Page - Micronas HAL1002 Datasheet HTML 51Page - Micronas HAL1002 Datasheet HTML 52Page - Micronas HAL1002 Datasheet HTML 53Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 102 page
background image
APPLICATION NOTE
HAL8xy, HAL100x
Programmer Board
Micronas
Sept. 19, 2013; APN000046_03EN
49
TC
– The TC register range is from 0 up to 1023.
– The register value is calculated by:
Please refer to the data sheet for the recommended values.
MODE (HAL82x,
HAL880)
– The register range is from 0 up to 255 and contains the settings for FILTER and
RANGE:
Please refer the data sheet for the available FILTER and RANGE values.
MODE (HAL83x,
HAL1002)
– The register range is from 0 up to 1023 and contains the settings for FILTER,
RANGE, OUTPUTMODE and OFFSET CORRECTION:
Please refer the data sheet for the available RANGE, OUTPUTMODE, FILTER and
OFFSETCORRECTION values.
D/A-READOUT
– This register is read only.
– The register range is from 0 up to 16383
DEACTIVATE
– This register can only be written.
– The register has to be written with 2063 decimal (80F hexadecimal) for the deactiva-
tion.
The sensor can be reset with an Activate pulse on the output pin or by switching off and
on the supply voltage.
TC
GROUP
256
TCValue
8
TCSQValue
+
+
=
MODE
OUTPUTMODE
32
BITRATE
16
FILTER
8
RANGE
2
EnableProgGPRegisters
+
+
+
+
=
MODE
RANGE
512
SIGNOC
+
256
OUTPUTMODE
32
FILTER
8
RANGE
2
OFFSETCORRECTION
+
+
+
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com