Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF142 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RF142
Description  Heterojunction Bipolar Transistor Power Amplifier Dual-Band Controller for GSM and PCS Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RF142 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RF142 Datasheet HTML 1Page - List of Unclassifed Manufacturers RF142 Datasheet HTML 2Page - List of Unclassifed Manufacturers RF142 Datasheet HTML 3Page - List of Unclassifed Manufacturers RF142 Datasheet HTML 4Page - List of Unclassifed Manufacturers RF142 Datasheet HTML 5Page - List of Unclassifed Manufacturers RF142 Datasheet HTML 6Page - List of Unclassifed Manufacturers RF142 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Power Amplifier Controller
RF142
100774A
Conexant
3
Proprietary Information and Specifications are Subject to Change
September 7, 2000
Gain Shaper. The output of the integrator is fed to the gain
shaping circuit that drives the gain control input of the external
RF PA. The midpoint voltage of the PA control voltage VPC, is
determined by the VMP input. The VMP input is obtained by
connecting a resistor divider to the 2.4 V reference output,
VREF. The integrator in the integrating error amplifier is used to
stabilize the loop.
The maximum voltage obtainable on VPCGSM and VPCDCS is
generally 1 V below VCC2 (pin 20). Therefore, it may be more
desirable to use a higher voltage than VCC.
Output Stages. Each of the two output stages is dedicated to a
frequency band: one for GSM900MHz and one for
GSM1800/PCS1900 MHz. The selection of the output stage is
determined by the BAND select signal. A high signal selects the
VPCDCS as the output pin and a low signal selects VPCGSM
as the output pin. When either output is inactive, its residual
output level is extremely low to ensure that the inactive PA is
completely off.
DC Bias Block. The DC bias block provides voltage bias to the
whole chip, which may be put in standby mode using the
ENABLE digital input control pin (pin 6). The ENABLE pin is
compatible with TTL levels. When the ENABLE pin is driven
high, the device is enabled.
Electro-Static Discharge (ESD) Sensitivity
The RF142 is a static sensitive electronic device. Do not operate
or store it near strong electrostatic fields. Take proper ESD
precautions.
Table 2. Absolute Maximum Ratings
Parameter
Minimum
Maximum
Units
Storage Temperature
–40
+125
°C
Supply Voltage
–0.3
5.0
V
Power Dissipation
--
500
mW
Input Voltage Range
–0.3
Vcc
V
Table 3. RF142 Recommended Operating Conditions
Parameter
Minimum
Typical
Maximum
Units
Supply Voltage (Vcc)
2.7
3.6
4.8
V
Operating Temperature
–30
+25
+85
°C
Table 4. RF142 Electrical Characteristics (1 of 2)
(TA = 25
°°°°C, Vcc = 3.6 V)
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Detector frequency range
f
800
2000
MHz
Detector monotonic dynamic range
50
dB
Detector gain
15
mV/dB
Detector stability
Maximum input power and over temperature range.
Minimum input power and over temperature range.
±0.5
±3
dB
dB
Detector non-linearity error
RFPC
± from –40 dBm to +8 dBm
± 2
dB
VAPC common mode range
1.35
V
VAPC differential range
±1
Vp-p
VAPC input impedance
ZVAPC
20//5
k
Ω//pF
VREF
VREF
2.2
2.4
2.6
V
GSM Maximum Control Voltage
VPCGSM
Band <= 0.8 V
Ivpcgsm <= 75 mA
Vcc-1.1
Vcc-1.0
Vcc-0.9
V
DCS Maximum Control Voltage
VPCDCS
Band >= 1.90 V
Ivpcdcs <= 50 mA
Vcc-1.1
Vcc-1.0
Vcc-0.9
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com