Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF142 Datasheet (PDF) - List of Unclassifed Manufacturers

RF142 Datasheet PDF - List of Unclassifed Manufacturers
Part # RF142
Download  RF142 Download
File Size   456.62 Kbytes
Page   7 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Heterojunction Bipolar Transistor Power Amplifier Dual-Band Controller for GSM and PCS Applications

RF142 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF142 Datasheet PDF - List of Unclassifed Manufacturers

Part # RF142
Download  RF142 Click to download

File Size   456.62 Kbytes
Page   7 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Heterojunction Bipolar Transistor Power Amplifier Dual-Band Controller for GSM and PCS Applications

RF142 Datasheet (HTML) - List of Unclassifed Manufacturers


RF142 Product details

[Conexant]

The RF142 Power Amplifier (PA) controller is a highly integrated, monolithic device optimized for use in 900 MHz, 1800 MHz, and 1900 MHz Global System For Mobile communications® (GSM®) and other Time Division Multiple Access (TDMA) applications. The control current output from the RF142 can be used to control the transmit power of a dual or multi-band Heterojunction Bipolar Transistor (HBT) PA.

Features
• RF PA controller for use with HBT PAs
• 50 dB detector dynamic range
• Broadband, logarithmic power detector (800 MHz to 2000 MHz)
• Logarithmic RF power detector requires no external diodes
• Integrator and gain shaping block enhance loop stability and linearity
• Three-cell battery operation (2.7 V to 5.0 V)
• Standby mode with 20 µA of current consumption
• 20-pin Thin Shrink Small Outline Package (TSSOP)

Applications
• Transmit power control for dual or multi-band GSM digital cellular handsets




Similar Part No. - RF142

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RF14 RENESAS-RF14 Datasheet
919Kb / 56P
EEPROM Emulation Library
logo
RF Monolithics, Inc
RF1400D RFM-RF1400D Datasheet
164Kb / 3P
433.92 MHz SAW Filter
logo
Murata Manufacturing Co...
RF1400D MURATA-RF1400D Datasheet
209Kb / 4P
433.92 MHz SAW Filter
logo
RF Monolithics, Inc
RF1401D RFM-RF1401D Datasheet
55Kb / 2P
433.92 MHz SAW Filter
logo
Murata Manufacturing Co...
RF1401D MURATA-RF1401D Datasheet
63Kb / 2P
433.92 MHz SAW Filter
More results


Similar Description - RF142

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CGY2014ATW PHILIPS-CGY2014ATW Datasheet
73Kb / 12P
GSM/DCS/PCS power amplifier
2000 Nov 28
PCF5077T PHILIPS-PCF5077T Datasheet
120Kb / 24P
Power amplifier controller for GSM and PCN systems
1997 Nov 19
PCF5078 PHILIPS-PCF5078 Datasheet
90Kb / 20P
Power amplifier controller for GSM and PCN systems
1999 Apr 12
PCF5079 PHILIPS-PCF5079 Datasheet
146Kb / 28P
Dual-band power amplifier controller for GSM, PCN and DCS
2001 Nov 21
logo
National Semiconductor ...
LMV248 NSC-LMV248 Datasheet
289Kb / 11P
Dual Band GSM Power Controller
LMV242 NSC-LMV242 Datasheet
560Kb / 16P
Dual Output, Quad-Band GSM/GPRS Power Amplifier Controller
logo
RF Micro Devices
RF3145 RFMD-RF3145 Datasheet
142Kb / 18P
QUAD-BAND GSM/EDGE/GSM850/DCS/PCS POWER AMPLIFIER MODULE
RF3145 RFMD-RF3145_1 Datasheet
310Kb / 18P
QUAD-BAND GSM/EDGE/GSM850/DCS/PCS POWER AMPLIFIER MODULE
logo
Texas Instruments
LMV242 TI-LMV242_15 Datasheet
1,009Kb / 25P
LMV242 Dual Output, Quad-Band GSM/GPRS Power Amplifier Controller
logo
eleflow technologies co...
2SK3078 ELEFLOW-2SK3078 Datasheet
73Kb / 1P
900MHz band amplifier applications.(GSM)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com