Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF142 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # RF142
Description  Heterojunction Bipolar Transistor Power Amplifier Dual-Band Controller for GSM and PCS Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RF142 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  RF142 Datasheet HTML 1Page - List of Unclassifed Manufacturers RF142 Datasheet HTML 2Page - List of Unclassifed Manufacturers RF142 Datasheet HTML 3Page - List of Unclassifed Manufacturers RF142 Datasheet HTML 4Page - List of Unclassifed Manufacturers RF142 Datasheet HTML 5Page - List of Unclassifed Manufacturers RF142 Datasheet HTML 6Page - List of Unclassifed Manufacturers RF142 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Power Amplifier Controller
RF142
100774A
Conexant
5
Proprietary Information and Specifications are Subject to Change
September 7, 2000
6.50±0.10 mm
4.40±0.10 mm
0.10±0.05 mm
SIDE VIEW
END VIEW
TOP VIEW
1.00+0.5/-0.2 mm
0.24+0.06/-0.05 mm
1.00 mm Ref
1.20 mm max
Pin #1 indicator
0.65 mm
C003a
Figure 4. RF142 Package Dimensions – 20-Pin TSSOP
C879
8.00 ± 0.10
4.00 ± 0.10
2.00 ± 0.05
1.75 ± 0.10
1.50 ± 0.10
1.50 ± 0.25
0.292 ± 0.013
1.20
4.00
6.75 ± 0.10
8
o Max
7
o Max
1.70 ± 0.10
7.05 ± 0.10
Notes:
1. Carrier tape material: black conductive polycarbonate
2. Cover tape material: transparent conductive PSA
3. Cover tape size: 9.3 mm width
4. Tolerance: .XX = ±0.10
5. Quantity: 2500 per reel
6. All measurements are in millimeters
Pin #1
indicator
Figure 5. RF142 Tape and Reel Dimensions



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com