Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF142 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RF142
Description  Heterojunction Bipolar Transistor Power Amplifier Dual-Band Controller for GSM and PCS Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RF142 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RF142 Datasheet HTML 1Page - List of Unclassifed Manufacturers RF142 Datasheet HTML 2Page - List of Unclassifed Manufacturers RF142 Datasheet HTML 3Page - List of Unclassifed Manufacturers RF142 Datasheet HTML 4Page - List of Unclassifed Manufacturers RF142 Datasheet HTML 5Page - List of Unclassifed Manufacturers RF142 Datasheet HTML 6Page - List of Unclassifed Manufacturers RF142 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Data Sheet
Conexant
Doc. No. 100774B
Proprietary Information and Specifications are Subject to Change
September 7, 2000
RF142
Heterojunction Bipolar Transistor Power Amplifier Dual-Band Controller
for GSM and PCS Applications
The RF142 Power Amplifier (PA) controller is a highly integrated, monolithic device
optimized for use in 900 MHz, 1800 MHz, and 1900 MHz Global System For
Mobile communications® (GSM®) and other Time Division Multiple Access (TDMA)
applications. The control current output from the RF142 can be used to control the
transmit power of a dual or multi-band Heterojunction Bipolar Transistor (HBT) PA.
The device consists of two sections: an RF detector, and a gain controller. The
RF142, when combined with a PA and a coupler, forms a closed PA control loop,
where the PA output power is controlled by a single analog reference voltage,
typically supplied by the baseband.
The RF142 device package and pin configuration are shown in Figure 1. The signal
pin assignments and functional pin descriptions are specified in Table 1. An RF142
block diagram is shown in Figure 2.
Features
• RF PA controller for use with HBT PAs
• 50 dB detector dynamic range
• Broadband, logarithmic power detector (800 MHz
to 2000 MHz)
• Logarithmic RF power detector requires no
external diodes
• Integrator and gain shaping block enhance loop
stability and linearity
• Three-cell battery operation (2.7 V to 5.0 V)
• Standby mode with 20 µA of current consumption
•
20-pin Thin Shrink Small Outline Package
(TSSOP)
Applications
•
Transmit power control for dual or multi-band
GSM digital cellular handsets
100774A-1_090700
GND1
VREF
VMP
VAPC+
VAPC-
ENABLE
RFPC+
RFPC-
GND2
VCC1
1
2
3
4
5
6
7
8
9
10
VPCGSM
VPCDCS
VCC2
BAND
AUX-
AUX+
CAP-
CAP+
NC
NC
18
17
16
15
14
13
12
11
19
20
Figure 1. RF142 Pin Configuration – 20-Pin TSSOP


Similar Part No. - RF142

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RF14 RENESAS-RF14 Datasheet
919Kb / 56P
EEPROM Emulation Library
logo
RF Monolithics, Inc
RF1400D RFM-RF1400D Datasheet
164Kb / 3P
433.92 MHz SAW Filter
logo
Murata Manufacturing Co...
RF1400D MURATA-RF1400D Datasheet
209Kb / 4P
433.92 MHz SAW Filter
logo
RF Monolithics, Inc
RF1401D RFM-RF1401D Datasheet
55Kb / 2P
433.92 MHz SAW Filter
logo
Murata Manufacturing Co...
RF1401D MURATA-RF1401D Datasheet
63Kb / 2P
433.92 MHz SAW Filter
More results

Similar Description - RF142

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CGY2014ATW PHILIPS-CGY2014ATW Datasheet
73Kb / 12P
GSM/DCS/PCS power amplifier
2000 Nov 28
PCF5077T PHILIPS-PCF5077T Datasheet
120Kb / 24P
Power amplifier controller for GSM and PCN systems
1997 Nov 19
PCF5078 PHILIPS-PCF5078 Datasheet
90Kb / 20P
Power amplifier controller for GSM and PCN systems
1999 Apr 12
PCF5079 PHILIPS-PCF5079 Datasheet
146Kb / 28P
Dual-band power amplifier controller for GSM, PCN and DCS
2001 Nov 21
logo
National Semiconductor ...
LMV248 NSC-LMV248 Datasheet
289Kb / 11P
Dual Band GSM Power Controller
LMV242 NSC-LMV242 Datasheet
560Kb / 16P
Dual Output, Quad-Band GSM/GPRS Power Amplifier Controller
logo
RF Micro Devices
RF3145 RFMD-RF3145 Datasheet
142Kb / 18P
QUAD-BAND GSM/EDGE/GSM850/DCS/PCS POWER AMPLIFIER MODULE
RF3145 RFMD-RF3145_1 Datasheet
310Kb / 18P
QUAD-BAND GSM/EDGE/GSM850/DCS/PCS POWER AMPLIFIER MODULE
logo
Texas Instruments
LMV242 TI-LMV242_15 Datasheet
1,009Kb / 25P
LMV242 Dual Output, Quad-Band GSM/GPRS Power Amplifier Controller
logo
eleflow technologies co...
2SK3078 ELEFLOW-2SK3078 Datasheet
73Kb / 1P
900MHz band amplifier applications.(GSM)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com