Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6984TR Datasheet(PDF) 13 Page - STMicroelectronics

Part # A6984TR
Description  36 V, 400 mA automotive synchronous step-down switching regulator
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6984TR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button A6984TR Datasheet HTML 9Page - STMicroelectronics A6984TR Datasheet HTML 10Page - STMicroelectronics A6984TR Datasheet HTML 11Page - STMicroelectronics A6984TR Datasheet HTML 12Page - STMicroelectronics A6984TR Datasheet HTML 13Page - STMicroelectronics A6984TR Datasheet HTML 14Page - STMicroelectronics A6984TR Datasheet HTML 15Page - STMicroelectronics A6984TR Datasheet HTML 16Page - STMicroelectronics A6984TR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
DocID030396 Rev 1
13/47
A6984
Device description
47
4.1
Output voltage adjustment
No external resistor divider is required to regulate fixed 3.3 V output voltage, connecting FB
to the VCC pin and VBIAS to the regulated output voltage (see Figure 1 on page 1). An
external voltage divider otherwise implements the output voltage adjustability.
Figure 4. Internal voltage divider for 3.3 V output voltage
The error amplifier reference voltage is 0.9 V typical.
The output voltage is adjusted accordingly with the following formula (see Figure 6):
Equation 1
4.1.1
Maximum output voltage
The constant on-time control scheme naturally requires a minimum cycle-by-cycle off time
to sense the feedback voltage and properly driving the switching activity.
The A6984 minimum off time, as reported in Table 2 on page 5, is 300 nsec typical and
400 nsec max.
The control loop generates the proper PWM signal to regulate the programmed output
voltage over the application conditions. Since the power losses are proportional to the
delivered output power, the duty cycle increases with the load current request.
The fixed minimum off time limits the maximum duty cycle, so the maximum output voltage,
depending on the selected switching frequency (see Section 4.2).
Figure 5 shows the worst case scenario for maximum output voltage limitation over the input
voltage range, that happens at the maximum current request and considering the upper
datasheet limit time for the minimum off time parameter.
A6984
V
OUT
0.9
1
R
3
R
2
-------
+


=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com