Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6984TR Datasheet(PDF) 39 Page - STMicroelectronics

Part # A6984TR
Description  36 V, 400 mA automotive synchronous step-down switching regulator
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6984TR Datasheet(HTML) 39 Page - STMicroelectronics

Back Button A6984TR Datasheet HTML 35Page - STMicroelectronics A6984TR Datasheet HTML 36Page - STMicroelectronics A6984TR Datasheet HTML 37Page - STMicroelectronics A6984TR Datasheet HTML 38Page - STMicroelectronics A6984TR Datasheet HTML 39Page - STMicroelectronics A6984TR Datasheet HTML 40Page - STMicroelectronics A6984TR Datasheet HTML 41Page - STMicroelectronics A6984TR Datasheet HTML 42Page - STMicroelectronics A6984TR Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 47 page
background image
DocID030396 Rev 1
39/47
A6984
Application board
47
6
Application board
The reference evaluation board schematic is shown in Figure 28.
Figure 28. Evaluation board schematic
Table 9. Bill of material
Reference
Part number
Description
Manufacturer
C1
CGA5L3X5R1H106K160AB
10
F - 50 V - 1206
TDK
C2
-
100 nF - 50 V - 0805
-
C4
-
470 nF - 10 V - 0603
-
C6
CGA5L1X5R1C226M160AC
22
F - 16V - 1206
TDK
L1
MSS6132-683MLC
68
H
Coilcraft
R1
-
1 M
 - 1% - 0603
-
R4
-
1 M
 - 5% - 0603
-
R6
-
100 k
 - 5% - 0603 V
-
R8
-
0
 - 0603
-
U1
A6984
-
ST
J1
-
JUMPER - CLOSED
-
J2
-
JUMPER - CLOSED
-
J3
-
JUMPER - OPEN
-
J4
-
JUMPER - OPEN
-
R2, R3, R5, R7, R9, C3, C5, C7, C8, C9, C10
-
NOT MOUNTED
-
TP1, TP2, TP3, TP4, TP5, TP6, TP7
-
VBIAS, PGOOD, VIN,
VOUT, EN, GND, GND
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com