Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6984TR Datasheet(PDF) 21 Page - STMicroelectronics

Part # A6984TR
Description  36 V, 400 mA automotive synchronous step-down switching regulator
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6984TR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button A6984TR Datasheet HTML 17Page - STMicroelectronics A6984TR Datasheet HTML 18Page - STMicroelectronics A6984TR Datasheet HTML 19Page - STMicroelectronics A6984TR Datasheet HTML 20Page - STMicroelectronics A6984TR Datasheet HTML 21Page - STMicroelectronics A6984TR Datasheet HTML 22Page - STMicroelectronics A6984TR Datasheet HTML 23Page - STMicroelectronics A6984TR Datasheet HTML 24Page - STMicroelectronics A6984TR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
DocID030396 Rev 1
21/47
A6984
Device description
47
Figure 14. Virtual ESR network
The CDC capacitor decouples the feedback DC path through the RCOT so the output voltage
is adjusted accordingly with Section 4.1 on page 13.
Basically the network RCOT, CCOT generates a voltage signal proportional to the inductor
current ripple and superimposed with the real partitioned output voltage that increases the
SNR at the input of the PWM comparator. As a consequence the PWM converter
commutation is clean, removing the duty cycle dithering.
For the purpose of the signal generated by the RCOT and CCOT the output capacitor
represents a virtual ground so the equivalent small signal circuit of the output of the virtual
ESR network is shown in Figure 15.
Figure 15. Virtual ESR equivalent circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com