Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCF04TBR Datasheet(PDF) 6 Page - STMicroelectronics

Part # STCF04TBR
Description  High power white LED SuperCap™ driver with I²C interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF04TBR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STCF04TBR Datasheet HTML 2Page - STMicroelectronics STCF04TBR Datasheet HTML 3Page - STMicroelectronics STCF04TBR Datasheet HTML 4Page - STMicroelectronics STCF04TBR Datasheet HTML 5Page - STMicroelectronics STCF04TBR Datasheet HTML 6Page - STMicroelectronics STCF04TBR Datasheet HTML 7Page - STMicroelectronics STCF04TBR Datasheet HTML 8Page - STMicroelectronics STCF04TBR Datasheet HTML 9Page - STMicroelectronics STCF04TBR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
Description (continued)
STCF04
6/43
Doc ID 022927 Rev 3
1
Description (continued)
All the functions of the device are controlled through the I²C bus which reduces the number
of logic pins of the package and saves PCB tracks on the application board. Hard and soft-
triggering of flash and torch are both supported. The device includes many functions to
protect the chip and the power LEDs. These include a soft-start control, chip
overtemperature detection and protection, and shorted LED detection and protection. In
addition, a digital programmable timeout function protects the LEDs in case of a wrong
command issued by the microprocessor. An optional external NTC is supported to protect
the LEDs against overheating. It is possible to separately program the current intensity in
Flash and Torch mode through I²C. In order to guarantee the proper function of Flash mode,
the SuperCap voltage should be monitored by the microprocessor using the READY pin
feature. In case of insufficient power from the SuperCap, a warning is generated. The device
is packaged in BGA 3 x 3 mm with 1 mm height.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com