Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCF04TBR Datasheet(PDF) 15 Page - STMicroelectronics

Part # STCF04TBR
Description  High power white LED SuperCap™ driver with I²C interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF04TBR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STCF04TBR Datasheet HTML 11Page - STMicroelectronics STCF04TBR Datasheet HTML 12Page - STMicroelectronics STCF04TBR Datasheet HTML 13Page - STMicroelectronics STCF04TBR Datasheet HTML 14Page - STMicroelectronics STCF04TBR Datasheet HTML 15Page - STMicroelectronics STCF04TBR Datasheet HTML 16Page - STMicroelectronics STCF04TBR Datasheet HTML 17Page - STMicroelectronics STCF04TBR Datasheet HTML 18Page - STMicroelectronics STCF04TBR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 43 page
background image
STCF04
Introduction
Doc ID 022927 Rev 3
15/43
7
Introduction
The STCF04 is a high efficiency buck-boost converter with input current limitation dedicated
to managing the power for Flash/Torch mode operations using the SuperCap technology
and to control the high current white LEDs in cell phone cameras and portable applications
in general.
The device operates in Free-running mode with a coil peak current limiter. It charges and
stores the energy on the SuperCap from a single cell lithium-Ion battery (2.5 V to 4.2 V). The
device contains an active balancer circuit able to regulate the middle pin of the SuperCap,
therefore guaranteeing the reliability of the SuperCap component. The device operation and
diagnostic are controlled by the I²C bus. Torch current is adjustable from 15 mA to 320 mA.
The maximum flash current is set by choosing the RFL resistor and it can be adjusted by I²C
using a dedicated register. The device operates as a standalone flash SuperCap controller
able to drive one external MOSFET.
The device has two modes of managing the energy in the SuperCap during Torch mode
operation, both adjustable by I²C:
1.
Torch mode 1: in this case the output current in Torch mode is regulated from VOUT,
which is set by VDC bits in the feature register (R4). This mode is optimized to give the
possibility of triggering the flash without any delay caused by a recharging of the
SuperCap.
2.
Torch mode 2: in this case the output current in Torch mode is regulated from VOUT =
VFLED + 0.25 V. This mode is optimized for maximum efficiency in Torch mode. The
SuperCap must be recharged after the end of Torch mode operation.
The device uses an external NTC resistor to sense the temperature of the white LEDs and
light sensor management to optimize the flash duration in Flash mode. These last two
functions are optional so they may not be needed in all applications, and, in such cases, the
relevant external components can be omitted. In Monitoring mode, when the voltage
Monitoring mode of the SuperCap is active, the device is working with low consumption.
When the READY pin goes HIGH, meaning that the SuperCap has been self-discharged,
the P should initiate a re-charge of the SuperCap, for example, by entering Charge mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com