Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCF04TBR Datasheet(PDF) 12 Page - STMicroelectronics

Part # STCF04TBR
Description  High power white LED SuperCap™ driver with I²C interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF04TBR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STCF04TBR Datasheet HTML 8Page - STMicroelectronics STCF04TBR Datasheet HTML 9Page - STMicroelectronics STCF04TBR Datasheet HTML 10Page - STMicroelectronics STCF04TBR Datasheet HTML 11Page - STMicroelectronics STCF04TBR Datasheet HTML 12Page - STMicroelectronics STCF04TBR Datasheet HTML 13Page - STMicroelectronics STCF04TBR Datasheet HTML 14Page - STMicroelectronics STCF04TBR Datasheet HTML 15Page - STMicroelectronics STCF04TBR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
Electrical characteristics
STCF04
12/43
Doc ID 022927 Rev 3
6
Electrical characteristics
TA = 25 °C, VIN = 3.6 V connected to VBAT and PVBAT, CIN = 10 µF, CSUP = 1.6F/5 V L = 1 µH,
RX = 15 kΩ, VFLED = 4.2 V/10 A. Unless otherwise specified, typical values are at 25 °C.
Table 6.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIN
Operating input supply
voltage
2.5
5.5
V
VPW_ON
RESET
Power-ON reset
threshold
VIN rising
2.3
V
IO
Output current
adjustment range
ITORCH
Torch mode VIN=2.7 V to 5.5 V
15
320
mA
Auxiliary LED output
current adjustment
range IAUXLED
Idle mode, VI or VO=3.3 V to 5.5 V
0
100
VISENS
Current sensing input
VIN=2.7 V to 5.5 V, ILED = 12 A
RFL = 10 mΩ
108
120
132
mV
IPEAK
Switch peak current limit
VIN=2.7 V to 5.5 V, IDC0=0
1.45
A
VIN=2.7 V to 5.5 V, IDC0=1
1.80
VOUT
Regulated voltage
range optimized for
Flash mode
VIN=2.7 V to 5.5 V
4.5
5.5
V
Regulated voltage
range optimized for
Torch mode
VIN=2.7 V to 5.5 V
VFLED+
0.25
V
VOUT tolerance
Percentage with respect to
programmed voltage
-5
+5
%
IMID
Active balancing output
VIN=2.7 V to 5.5 V
-400
400
mA
ΔIO
Output current variation
Torch mode ILED = 300 mA
-10
10
%
IQ
Quiescent current in
Shutdown mode
VIN=2.7 to 5.5 V, NTC_ON=0
1
µA
Quiescent current in
Shutdown mode
VIN=2.7 to 5.5 V, NTC_ON=1
2
Quiescent current in
Monitoring mode
NTC_ON=0, SuperCap monitoring=1
45
Quiescent current in Idle
mode
NTC_ON, CHRG=0
1
mA
fs
Switching frequency
VIN=2.7 V
1.8
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com